Electronic Components Datasheet Search
  English  ▼

X  

MP6M11 Datasheet(PDF) 10 Page - Rohm

Part # MP6M11
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M11 Datasheet(HTML) 10 Page - Rohm

Back Button MP6M11 Datasheet HTML 3Page - Rohm MP6M11 Datasheet HTML 4Page - Rohm MP6M11 Datasheet HTML 5Page - Rohm MP6M11 Datasheet HTML 6Page - Rohm MP6M11 Datasheet HTML 7Page - Rohm MP6M11 Datasheet HTML 8Page - Rohm MP6M11 Datasheet HTML 9Page - Rohm MP6M11 Datasheet HTML 10Page - Rohm MP6M11 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6M11
<Tr1(Nch)>
<Tr2(Pch)>
Notice
This product might cause chip aging and breakdown under the large electrified environment. Please consider to design
ESD protection circuit.
Measurement circuits
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
VG
VGS
Charge
Qg
Qgs
Qgd
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
VG
VGS
Charge
Qg
Qgs
Qgd
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
10/10
2011.03 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com