Electronic Components Datasheet Search
  English  ▼

X  

MP6M11 Datasheet(PDF) 4 Page - Rohm

Part # MP6M11
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M11 Datasheet(HTML) 4 Page - Rohm

  MP6M11 Datasheet HTML 1Page - Rohm MP6M11 Datasheet HTML 2Page - Rohm MP6M11 Datasheet HTML 3Page - Rohm MP6M11 Datasheet HTML 4Page - Rohm MP6M11 Datasheet HTML 5Page - Rohm MP6M11 Datasheet HTML 6Page - Rohm MP6M11 Datasheet HTML 7Page - Rohm MP6M11 Datasheet HTML 8Page - Rohm MP6M11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6M11
 
Electrical characteristic curves (Ta=25
C)
〈Tr.1(Nch)〉
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
V
GS= 2.5V
V
GS= 10V
V
GS= 4.5V
V
GS= 4.0V
V
GS= 2.8V
Ta=25
°C
Pulsed
Fig.1 Typical Output Characteristics(Ⅰ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
V
GS= 10V
V
GS= 4.5V
V
GS= 4.0V
V
GS= 2.5V
V
GS= 2.8V
Ta=25
°C
Pulsed
Fig.2 Typical Output Characteristics(Ⅱ)
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.001
0.01
0.1
1
10
0
1
2
3
V
DS= 10V
Pulsed
Ta= 125
°C
Ta= 75
°C
Ta= 25
°C
Ta=
- 25°C
Fig.3 Typical Transfer Characteristics
GATE-SOURCE VOLTAGE : V
GS[V]
10
100
1000
0.1
1
10
V
GS= 4.0V
V
GS= 4.5V
V
GS= 10V
.
Ta=25
°C
Pulsed
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
DRAIN-CURRENT : I
D[A]
10
100
1000
0.1
1
10
V
GS= 10V
Pulsed
Ta= 125
°C
Ta= 75
°C
Ta= 25
°C
Ta=
- 25°C
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
DRAIN-CURRENT : I
D[A]
10
100
1000
0.1
1
10
V
GS= 4.5V
Pulsed
Ta= 125
°C
Ta= 75
°C
Ta= 25
°C
Ta=
- 25°C
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
DRAIN-CURRENT : I
D[A]
4/10
2011.03 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com