Electronic Components Datasheet Search
  English  ▼

X  

MP6M11 Datasheet(PDF) 2 Page - Rohm

Part # MP6M11
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M11 Datasheet(HTML) 2 Page - Rohm

  MP6M11 Datasheet HTML 1Page - Rohm MP6M11 Datasheet HTML 2Page - Rohm MP6M11 Datasheet HTML 3Page - Rohm MP6M11 Datasheet HTML 4Page - Rohm MP6M11 Datasheet HTML 5Page - Rohm MP6M11 Datasheet HTML 6Page - Rohm MP6M11 Datasheet HTML 7Page - Rohm MP6M11 Datasheet HTML 8Page - Rohm MP6M11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6M11
Electrical characteristics (Ta = 25
C)
<Tr1(Nch)>
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
-
-
±10
AVGS=±20V, VDS=0V
Drain-source breakdown voltage V (BR)DSS
30
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AVDS=30V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
2.5
V
VDS=10V, ID=1mA
-70
98
ID=3.5A, VGS=10V
-
90
126
ID=3.5A, VGS=4.5V
-
100
140
ID=3.5A, VGS=4.0V
Forward transfer admittance
l Yfs l
1.5
-
-
S
VDS=10V, ID=3.5A
Input capacitance
Ciss
-
85
-
pF
VDS=10V
Output capacitance
Coss
-
40
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
20
-
pF
f=1MHz
Turn-on delay time
td(on)
-4
-
ns
ID=1.75A, VDD 15V
Rise time
tr
-8
-
ns
VGS=10V
Turn-off delay time
td(off)
-
18
-
ns
RL=8.6
Fall time
tf
-3
-
ns
RG=10
Total gate charge
Qg
-
1.9
-
nC ID=3.5A
Gate-source charge
Qgs
-
0.8
-
nC VDD 15V
Gate-drain charge
Qgd
-
0.4
-
nC VGS=5V
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
-
-
1.2
V
Is=3.5A, VGS=0V
*Pulsed
Parameter
Conditions
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)
m
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
2/10
2011.03 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com