Electronic Components Datasheet Search
  English  ▼

X  

MP6M11 Datasheet(PDF) 1 Page - Rohm

Part # MP6M11
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M11 Datasheet(HTML) 1 Page - Rohm

  MP6M11 Datasheet HTML 1Page - Rohm MP6M11 Datasheet HTML 2Page - Rohm MP6M11 Datasheet HTML 3Page - Rohm MP6M11 Datasheet HTML 4Page - Rohm MP6M11 Datasheet HTML 5Page - Rohm MP6M11 Datasheet HTML 6Page - Rohm MP6M11 Datasheet HTML 7Page - Rohm MP6M11 Datasheet HTML 8Page - Rohm MP6M11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch + Pch MOSFET
MP6M11
Structure
Silicon N-channel MOSFET/
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (MPT6).
Application
Switching
Packaging specifications
Package
Taping
Code
TCR
Basic ordering unit (pieces)
1000
MP6M11
Absolute maximum ratings (Ta = 25
C)
Tr1 : N-ch Tr2 : P-ch
Drain-source voltage
VDSS
30
30
V
Gate-source voltage
VGSS
±20
±20
V
Continuous
ID
3.5
3.5
A
Pulsed
IDP
12
12
A
Continuous
Is
1.6
1.6
A
Pulsed
Isp
12
12
A
W / TOTAL
W / ELEMENT
Channel temperature
Tch
C
Range of storage temperature
Tstg
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
2.0
55 to 150
Unit
Limits
1.4
150
Total power dissipation
PD
Symbol
Type
Source current
(Body Diode)
Drain current
Parameter
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Drain
(4) Tr2 Source
(5) Tr2 Gate
(6) Tr1 Drain
∗
1 ESD PROTECTION DIODE
∗
2 BODY DIODE
MPT6
(Duel)
(1)
(2)
(3)
(6)
(5)
(4)
*1
*1
Dimensions (Unit : mm)
Inner circuit
∗2
∗2
∗1
∗1
(1)
(2)
(3)
(6)
(5)
(4)
*2
1/10
2011.03 - Rev.A


Similar Part No. - MP6M11

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6M12 ROHM-MP6M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
MP6M14 ROHM-MP6M14 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
More results

Similar Description - MP6M11

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com