Electronic Components Datasheet Search
  English  ▼

X  

LH28F016LL Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 1 Page - Sharp Corporation

  LH28F016LL Datasheet HTML 1Page - Sharp Corporation LH28F016LL Datasheet HTML 2Page - Sharp Corporation LH28F016LL Datasheet HTML 3Page - Sharp Corporation LH28F016LL Datasheet HTML 4Page - Sharp Corporation LH28F016LL Datasheet HTML 5Page - Sharp Corporation LH28F016LL Datasheet HTML 6Page - Sharp Corporation LH28F016LL Datasheet HTML 7Page - Sharp Corporation LH28F016LL Datasheet HTML 8Page - Sharp Corporation LH28F016LL Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LH28F016LL
1
16M (1M × 16, 2M × 8) Flash Memory
Figure 1. TSOP Configuration
FEATURES
• User-Configurable x8 or x16 Operation
• 3 V Write/Erase Operation (3 V V
PP)
– 2.7 - 3.6 V Write-Erase Operation
• 120 ns Maximum Access Time
(V
CC = 3.0 V)
• 150 ns Maximum Access Time
(V
CC = 2.7 V)
• 32 Independently Lockable Blocks (64K)
• 0.48 MB/sec Write Transfer Rate
• 100,000 Erase Cycles per Block
• Revolutionary Architecture
– Pipelined Command Execution
– Write During Erase
– Command Superset of
Sharp LH28F016SU
• 10 µA (MAX.) I
CC in CMOS Standby
• 5 µA (MAX.) Deep Power-Down
• State-of-the Art 0.6 µm ETOX™
Flash Technology
• 56-Pin, 1.2 mm × 14 mm × 20 mm TSOP
(Type I) Package
28F016LLT-1
TOP VIEW
56-PIN TSOP
2
3
4
5
8
9
A16
A19
A20
53
52
51
50
49
48
45
42
LX
6
7
A17
A18
47
46
RY/BY
DQ15
DQ14
GND
GND
10
11
12
55
54
OE
VCC
13
44
DQ4
43
VCC
A15
DQ7
14
15
16
17
18
19
20
39
36
41
40
38
37
DQ3
DQ10
DQ2
VCC
A10
A9
A11
CX
RP
CE0
A8
DQ9
WE
DQ6
DQ13
DQ11
56
1
CE1
VSSL
WP
21
22
23
24
25
26
27
28
A4
A3
A5
A7
A6
GND
A2
A1
34
DQ8
35
DQ1
31
33
32
30
29
A0
BYTE
NC
NC
DQ0
A14
A13
A12
DQ5
DQ12


Similar Part No. - LH28F016LL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SA SHARP-LH28F016SA Datasheet
317Kb / 36P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
LH28F016SANS-70 SHARP-LH28F016SANS-70 Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
LH28F016SAT-70 SHARP-LH28F016SAT-70 Datasheet
317Kb / 36P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
16 M-bit (2 MB x 8) SmartVoltage Flash Memories
More results

Similar Description - LH28F016LL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SA SHARP-LH28F016SA Datasheet
317Kb / 36P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
Flash Memory 16M (1M 횞 16/2M 횞 8)
LHF16KA1 SHARP-LHF16KA1 Datasheet
3Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA3 SHARP-LHF16KA3 Datasheet
2Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA4 SHARP-LHF16KA4 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA6 SHARP-LHF16KA6 Datasheet
2Mb / 59P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA7 SHARP-LHF16KA7 Datasheet
3Mb / 53P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA9 SHARP-LHF16KA9 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com