Electronic Components Datasheet Search
  English  ▼

X  

LH28F016LL Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 4 Page - Sharp Corporation

  LH28F016LL Datasheet HTML 1Page - Sharp Corporation LH28F016LL Datasheet HTML 2Page - Sharp Corporation LH28F016LL Datasheet HTML 3Page - Sharp Corporation LH28F016LL Datasheet HTML 4Page - Sharp Corporation LH28F016LL Datasheet HTML 5Page - Sharp Corporation LH28F016LL Datasheet HTML 6Page - Sharp Corporation LH28F016LL Datasheet HTML 7Page - Sharp Corporation LH28F016LL Datasheet HTML 8Page - Sharp Corporation LH28F016LL Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LH28F016LL
16M (1M × 16, 2M × 8) Flash Memory
4
PIN DESCRIPTION (Continued)
SYMBOL
TYPE
NAME AND FUNCTION
WP
INPUT
WRITE PROTECT:
Erase blocks can be locked by writing a non-volatile lock-bit for
each block. When WP is low, those locked blocks as reflected by the Block-Lock Status
bits (BSR.6), are protected from inadvertent Data Writes or Erases. When WP is high,
all blocks can be Written or Erased regardless of the state of the lock-bits. The WP
input buffer is disabled when RP
» transitions low (deep power-down mode).
BYTE
INPUT
BYTE ENABLE:
BYTE low places device in x8 mode. All data is then input or output
on DQ
0 - DQ7, and DQ8 - DQ15 float. Address A0 selects between the high and low
byte. BYTE high places the device in x16 mode, and turns off the A
0 input buffer.
Address A
1, then becomes the lowest order address.
LX
INPUT
INPUT FROM OUTSIDE INDUCTOR:
Input pin for outside inductor in DC/DC
converter circuit. Connect 1.8 (µH) inductor from V
CC.
LC
INPUT
INPUT FROM OUTSIDE CAPACITOR:
Input pin for outside capacitor in DC/DC
converter circuit. Ground at 22000 (pF) capacitor.
V
CC
SUPPLY
DEVICE POWER SUPPLY 3.0 V (2.7 V to 3.6 V)
: Do not leave any power pins floating.
GND
SUPPLY
GROUND FOR ALL INTERNAL CIRCUITRY:
Do not leave any ground pins floating.
NC
NO CONNECT:
No internal connection to die, lead may be driven or left floating.
V
SSL
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com