Electronic Components Datasheet Search
  English  ▼

X  

LH28F016LL Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F016LL Datasheet HTML 1Page - Sharp Corporation LH28F016LL Datasheet HTML 2Page - Sharp Corporation LH28F016LL Datasheet HTML 3Page - Sharp Corporation LH28F016LL Datasheet HTML 4Page - Sharp Corporation LH28F016LL Datasheet HTML 5Page - Sharp Corporation LH28F016LL Datasheet HTML 6Page - Sharp Corporation LH28F016LL Datasheet HTML 7Page - Sharp Corporation LH28F016LL Datasheet HTML 8Page - Sharp Corporation LH28F016LL Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
16M (1M × 16, 2M × 8) Flash Memory
LH28F016LL
5
INTRODUCTION
Sharp’s LH28F016LL 16M Flash Memory is a revo-
lutionary architecture which enables the design of truly
mobile, high performance, personal computing and com-
munication products. With innovative capabilities,
3 V single voltage operation and very high read/write
performance, the LH28F0166LL is also the ideal choice
for designing embedded mass storage flash memory
systems.
The LH28F016LL is very high density, highest per-
formance non-volatile read/write solution for solid-state
storage applications. Its symmetrically blocked archi-
tecture (100% compatible with the LH28F016SU 16M
Flash memory), extended cycling, minimum power
2.7 V operation, very fast write and read performance
and selective block locking provide a highly flexible
memory component suitable for battery operation por-
table equipment such as digital still camera, PDA, cel-
lular phone, and memory card. Its x8/x16 architecture
allows the optimization of memory to processor inter-
face. The flexible block locking option enables bundling
of executable of executable application software in a
Resident Flash Array or memory card. Manufactured
on Sharp’s 0.6 µm ETOX™ process technology, the
LH28F016LL is the most cost-effective, high-density
3 V single power operation flash memory.
DESCRIPTION
The LH28F016LL is a high perfor mance 16M
(16,777,216 bit) block erasable non-volatile random
access memory organized as either 1M × 16 or 2M x 8.
The LH28F016LL includes thirty-two 64K (65,536)
blocks or thirty-two 32-KW (32,768) blocks. A chip
memory map is shown in Figure 3.
The implementation of a new architecture, with many
enhanced features, will improve the device operating
characteristics and results in greater product reliability
and ease of use.
Among the significant enhancements of the
LH28F016LL:
• 3 V Write/Erase Operation (3 V V
PP)
• 3 V Low Power Capability
• Improved Write Performance
• Dedicated Block Write/Erase Protection
The LH28F016LL will be available in a 56-pin,
1.2 mm thick × 14 mm × 20 mm TSOP (Type I) pack-
age.This form factor and pinout allow for very high board
layout densities.
A Command User Interface (CUI) serves as the sys-
tem interface between the microprocessor or
microcontroller and the internal memory operation.
Internal Algorithm Automation allows Byte/Word
Writes and Block Erase operations to be executed us-
ing a Two-Write command sequence to the CUI in the
same way as the LH28F008SA 8M Flash memory.
A Superset of commands have been added to the
basic LH28F008SA command-set to achieve higher
write performance and provide additional capabilities.
These new commands and features include:
• Page Buffer Writes to Flash
• Command Queuing Capability
• Automatic Data Writes During Erase
• Software Locking of Memory Blocks
• Two-Byte Successive Writes in 8-bit Systems
• Erase All Unlocked Blocks
Writing of memory data is performed in either byte or
word increments typically within 9 µs, a 15% improve-
ment over the LH28F008SA.
Each block can be written and erased a minimum of
100,000 cycles. Systems can achieve 1,000,000 Block
Erase Cycles by providing wear-leveling algorithms and
graceful block retirement. These techniques have
already been employed in many flash file systems and
Hard Disk Drive designs.
The LH28F016LL incorporates two Page Buffers of
256 Bytes (128 Words) each to allow page data writes.
This feature can improve a system write performance
by up to 4.8 times over previous flash memory devices.
All operations are started by a sequence of Write
commands to the device. Three Status Registers (de-
scribed in detail later) and a RY
  »/BY  » output pin provide
information on the progress of the requested operation.
While the LH28F008SA requires an operation to com-
plete before the next operation can be requested, the
LH28F016LL allows queuing of the next operation while
the memory executes the current operation. This elimi-
nates system overhead when writing several bytes in a
row to the array or erasing several blocks at the same
time. The LH28F016LL can also perform write opera-
tions to one block of memory while performing erase of
another block.
The LH28F016LL provides user-selectable block
locking to protect code or data such as Device Drivers,
PCMCIA card information, ROM-Executable O/S or
Application Code. Each block has an associated non-
volatile lock-bit which determines the lock status of the
block. In addition, the LH28F016LL has a master Write
Protect pin (WP
  ») which prevents any modifications to
memory blocks whose lock-bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com