Electronic Components Datasheet Search
  English  ▼

X  

LH28F016LL Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F016LL
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016LL Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F016LL Datasheet HTML 2Page - Sharp Corporation LH28F016LL Datasheet HTML 3Page - Sharp Corporation LH28F016LL Datasheet HTML 4Page - Sharp Corporation LH28F016LL Datasheet HTML 5Page - Sharp Corporation LH28F016LL Datasheet HTML 6Page - Sharp Corporation LH28F016LL Datasheet HTML 7Page - Sharp Corporation LH28F016LL Datasheet HTML 8Page - Sharp Corporation LH28F016LL Datasheet HTML 9Page - Sharp Corporation LH28F016LL Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LH28F016LL
16M (1M × 16, 2M × 8) Flash Memory
6
Figure 3. LH28F016LL Memory Map
MEMORY MAP
The LH28F016LL contains three types of Status
Registers to accomplish various functions:
• A Compatible Status Register (CSR) which is 100%
compatible with the LH28F008SA Flash memory’s
Status Register. This register, when used alone, pro-
vides a straightforward upgrade capability to the
LH28F016LL from a LH28F008SA-based design.
• A Global Status Register (GSR) which informs
the system of command Queue status. Page
Buffer status, and overall Write Status Machine
(WSM) status.
• 32 Block Status Registers (BSRs) which provide
block-specific status information such as the block
lock-bit status.
The GSR and BSR memory maps for Byte-Wide and
Word-Wide modes are shown in Figures 4 and 5.
The LH28F016LL incorporates an open drain
RY
 »/BY  » output pin. This feature allows the user to OR-
tie many RY
  »/BY  » pins together in a multiple memory con-
figuration such as a Resident Flash Array.
The LH28F016LL also incorporates a dual chip-
enable function with two input pins, CE
  »0 and CE  »1.These
pins have exactly the same functionality as the regulary
chip-enable pin CE
  » on the LH28F008SA. For minimum
chip designs, CE
  »1 may be tied to ground and use CE  »0
as the chip enable input.The LH28F016LL uses the logi-
cal combination of these two signals to enable or dis-
able the entire chip. Both CE
  »0 and CE  »1 must be active
low to enable the device and if either one becomes in-
active, the chip will be disabled. This feature, along with
the open drain RY
  »/BY  » pin, allows the system designer
to reduce the number of control pins used in a large
array of 16M devices.
The BY
  »TE » pin allows either x8 or x16 read/writes to
the LH28F016LL. BY
  »TE » at logic low selects 8-bit mode
with address A0 selecting between low byte and high
byte. On the other hand, BY
  »TE » at logic high enables
16-bit operation with address A1 becoming the lowest
order address and address A0 is not used (don’t care).
A device diagram is shown in Figure 1.
The LH28F016LL is specified for a maximum access
time (tACC)150 ns, in operating voltage 2.7 V to 3.6 V
and in operating temperature 0°C to +70°C.
The LH28F016LL incorporates an Automatic Power
Saving (APS) feature which substantially reduces the
active current when the device is in static mode of
operation (address not switching).
In APS mode, the typical ICC current is 1 mA at 3.0 V.
A Deep Power-Down mode of operation is invoked
when the RP
  » (called PWD on the LH28F008SA) pin
transitions low. This mode brings the device power con-
sumption to less than 5 µA typically, and provides addi-
tional write protection by acting as a device reset pin
during power transitions. A reset time of 480 ns is re-
quired from RP
  » switching high until outputs are again
valid. In the Deep Power-Down state, the WSM is reset
(any current operation will abort) and the CSR, GSR
and BSR registers are cleared.
A CMOS Standby mode of operation is enabled when
either CE
  »0 or CE  »1 transitions high and RP  » stays high
with all input control pins at CMOS levels. In this mode,
the device typically draws an ICC standby current of
10 µA.
15
1F0000H
1FFFFFH
1EFFFFH
1E0000H
1DFFFFH
1D0000H
1CFFFFH
1C0000H
1BFFFFH
1B0000H
1AFFFFH
1A0000H
19FFFFH
190000H
18FFFFH
180000H
17FFFFH
170000H
16FFFFH
160000H
15FFFFH
150000H
14FFFFH
140000H
13FFFFH
130000H
12FFFFH
120000H
11FFFFH
110000H
10FFFFH
100000H
0FFFFFH
0F0000H
0EFFFFH
0E0000H
0DFFFFH
0D0000H
0CFFFFH
0C0000H
0BFFFFH
0B0000H
0AFFFFH
0A0000H
09FFFFH
090000H
08FFFFH
080000H
07FFFFH
070000H
06FFFFH
060000H
05FFFFH
050000H
04FFFFH
040000H
03FFFFH
030000H
02FFFFH
020000H
01FFFFH
010000H
00FFFFH
000000H
14
13
12
11
10
9
8
7
6
5
4
3
2
0
64KB BLOCK
16
64KB BLOCK
17
64KB BLOCK
18
64KB BLOCK
19
64KB BLOCK
20
64KB BLOCK
21
64KB BLOCK
22
64KB BLOCK
23
64KB BLOCK
24
64KB BLOCK
25
64KB BLOCK
26
64KB BLOCK
27
64KB BLOCK
28
64KB BLOCK
29
64KB BLOCK
30
64KB BLOCK
31
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
64KB BLOCK
1
64KB BLOCK
64KB BLOCK
28F016LLT-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com