Electronic Components Datasheet Search
  English  ▼

X  

SH8M13 Datasheet(PDF) 6 Page - Rohm

Part # SH8M13
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M13 Datasheet(HTML) 6 Page - Rohm

Back Button SH8M13 Datasheet HTML 2Page - Rohm SH8M13 Datasheet HTML 3Page - Rohm SH8M13 Datasheet HTML 4Page - Rohm SH8M13 Datasheet HTML 5Page - Rohm SH8M13 Datasheet HTML 6Page - Rohm SH8M13 Datasheet HTML 7Page - Rohm SH8M13 Datasheet HTML 8Page - Rohm SH8M13 Datasheet HTML 9Page - Rohm SH8M13 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
SH8M13
 
10
100
1000
10000
0.01
0.1
1
10
100
C
iss
C
rss
T
a=25°C
f=1MHz
V
GS=0V
C
oss
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.01
0.1
1
10
100
0.1
1
10
100
P
W = 10ms
DC operation
Operation in this area is limited by R
DS(ON)
(V
GS=10V)
P
W=100us
P
W=1ms
T
a=25°C
Single Pulse : 1Unit
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Fig.14 Maximum Safe Operating Aera
DRAIN-SOURCE VOLTAGE : V
DS[V]
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Rth
(ch-a)=89.3°C/W
Rth
(ch-a)(t)=r(t)×Rth(ch-a)
T
a=25°C
Single Pulse : 1Unit
Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
PULSE WIDTH : Pw(s)
6/10
2011.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com