Electronic Components Datasheet Search
  English  ▼

X  

SH8M13 Datasheet(PDF) 8 Page - Rohm

Part # SH8M13
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M13 Datasheet(HTML) 8 Page - Rohm

Back Button SH8M13 Datasheet HTML 3Page - Rohm SH8M13 Datasheet HTML 4Page - Rohm SH8M13 Datasheet HTML 5Page - Rohm SH8M13 Datasheet HTML 6Page - Rohm SH8M13 Datasheet HTML 7Page - Rohm SH8M13 Datasheet HTML 8Page - Rohm SH8M13 Datasheet HTML 9Page - Rohm SH8M13 Datasheet HTML 10Page - Rohm SH8M13 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
SH8M13
 
1
10
100
1000
0.1
1
10
V
GS= -4.0V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
DRAIN-CURRENT :
-I
D[A]
0.1
1
10
100
0.01
0.1
1
10
V
DS=-10V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT :
-I
D[A]
0.01
0.1
1
10
100
0
0.5
1
1.5
V
GS=0V
Pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE :
-V
SD [V]
0
20
40
60
80
100
0
5
10
15
I
D= -7.0A
I
D= -3.5A
T
a=25°C
Pulsed
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE :
-V
GS[V]
1
10
100
1000
10000
0.01
0.1
1
10
t
f
t
d(on)
t
d(off)
T
a=25°C
V
DD=-15V
V
GS=-10V
R
G=10W
Pulsed
t
r
Fig.11 Switching Characteristics
DRAIN-CURRENT :
-I
D[A]
0
2
4
6
8
10
0
10
20
30
T
a=25°C
V
DD= -15V
I
D= -7.0A
R
G=10W
Pulsed
Fig.12 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
8/10
2011.05 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com