Electronic Components Datasheet Search
  English  ▼

X  

SH8M13 Datasheet(PDF) 1 Page - Rohm

Part # SH8M13
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M13 Datasheet(HTML) 1 Page - Rohm

  SH8M13 Datasheet HTML 1Page - Rohm SH8M13 Datasheet HTML 2Page - Rohm SH8M13 Datasheet HTML 3Page - Rohm SH8M13 Datasheet HTML 4Page - Rohm SH8M13 Datasheet HTML 5Page - Rohm SH8M13 Datasheet HTML 6Page - Rohm SH8M13 Datasheet HTML 7Page - Rohm SH8M13 Datasheet HTML 8Page - Rohm SH8M13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch + Pch MOSFET
SH8M13
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET/
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (SOP8).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TB
Basic ordering unit (pieces)
2500
SH8M13
Absolute maximum ratings (Ta = 25
C)
Tr1 : N-ch Tr2 : P-ch
Drain-source voltage
VDSS
30
30
V
Gate-source voltage
VGSS
±20
±20
V
Continuous
ID
6.0
7.0
A
Pulsed
IDP
24
28
A
Continuous
Is
1.6
1.6
A
Pulsed
Isp
24
28
A
W / TOTAL
W / ELEMENT
Channel temperature
Tch
C
Range of storage temperature
Tstg
C
*1 Pw
10s, Duty cycle 1%
*2 Mounted on a ceramic board.
2.0
55 to 150
Unit
Limits
1.4
150
Total power dissipation
PD
Symbol
Type
Source current
(Body Diode)
Drain current
Parameter
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
∗
1 ESD PROTECTION DIODE
∗
2 BODY DIODE
SOP8
(1)
(8)
(5)
(4)
*1
*1
∗2
∗1
∗2
∗1
(8)
(7)
(1)
(2)
(6)
(5)
(3)
(4)
*2
1/10
2011.05 - Rev.A


Similar Part No. - SH8M13

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M11 ROHM-SH8M11 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SH8M14 ROHM-SH8M14 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
logo
List of Unclassifed Man...
SH8M16GAETCEBAA01 ETC2-SH8M16GAETCEBAA01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
SH8M16GAETCEBAE01 ETC2-SH8M16GAETCEBAE01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
More results

Similar Description - SH8M13

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M2 ROHM-SP8M2 Datasheet
74Kb / 4P
4V Drive Nch Pch MOSFET
SH8M2 ROHM-SH8M2_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
SH8M4 ROHM-SH8M4_09 Datasheet
187Kb / 6P
4V Drive NchPch MOSFET
SH8M24 ROHM-SH8M24_09 Datasheet
168Kb / 4P
4V Drive NchPch MOSFET
QS8M11 ROHM-QS8M11 Datasheet
1Mb / 9P
4V Drive Nch Pch MOSFET
QS8M12 ROHM-QS8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M51 ROHM-QS8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SH8M12 ROHM-SH8M12 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
SP8M51 ROHM-SP8M51 Datasheet
1Mb / 11P
4V Drive Nch Pch MOSFET
QS8M12TCR ROHM-QS8M12TCR Datasheet
743Kb / 11P
4V Drive Nch Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com