Electronic Components Datasheet Search
  English  ▼

X  

SWS-L Datasheet(PDF) 4 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 4 Page - TDK Electronics

  SWS-L Datasheet HTML 1Page - TDK Electronics SWS-L Datasheet HTML 2Page - TDK Electronics SWS-L Datasheet HTML 3Page - TDK Electronics SWS-L Datasheet HTML 4Page - TDK Electronics SWS-L Datasheet HTML 5Page - TDK Electronics SWS-L Datasheet HTML 6Page - TDK Electronics SWS-L Datasheet HTML 7Page - TDK Electronics SWS-L Datasheet HTML 8Page - TDK Electronics SWS-L Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
・All specifications are subject to change without notice.
A
47μ
0.1μ
+
+V
150mm
-V
Fig.A
Measurement point for Ripple and Noise.
Measurement point for Vo Line/Load Regulation.
SWS600L Specifications
4
SWS 600L
ITEMS/UNITS
MODEL SWS600L-3
SWS600L-5
SWS600L-12 SWS600L-15 SWS600L-24 SWS600L-36 SWS600L-48 SWS600L-60
Input
Voltage Range
(*3)
V
AC85-265 or DC120-350
Frequency
(*3)
Hz
47-63
Power Factor (115/230VAC) (typ) (*2)
0.98/0.95
Efficiency (115/230VAC) (typ) (*2)
%
70/72
75/77
79 / 82
81/84
82 / 84
Current (115/230VAC) (typ) (*2)
A
5.0 /2.5
7.1 / 3.6
Inrush Current (typ)
(*4)
20A/40A at 115VAC, 40A/40A at 230VAC, Ta=25°C (first inrush/second inrush)
Leakage Current
(*10)
mA
Less than 0.75, 0.3 (typ) at 115VAC / 0.5 (typ) at 230VAC
Output
Nominal Voltage
VDC
3.3
5
12
15
24
36
48
60
Maximum Current (Peak Current) (*1)
A
120
53
43
27 (31)
18
13 (15)
10
Maximum Power (Peak Power) (*1)
W
396
600
636
645
648 (744)
648
624 (720)
600
Maximum Line Regulation (*5)(*6)
mV
20
48
60
96
144
192
240
Maximum Load Regulation (*5)(*7)
mV
30
72
90
144
216
288
360
Temperature Coefficient
Less than 0.02%/°C
Maximum Ripple & Noise (115/230VAC) (0
≤Ta≤74°C) (*5) mVp-p
120
150
200
Maximum Ripple & Noise (115/230VAC) (-20
≤Ta<0°C) (*5) mVp-p
160
180
240
Hold-up Time (115/230VAC) (typ) (*2)
ms
20
Voltage Adjustable Range
VDC 2.64-3.96
4.0-6.0
9.6-14.4
12.0-19.5 19.2-28.8 28.8-43.2 38.4-56.0 48.0-66.0
Function
Over Current Protection
(*8)
A
>126
>55.7
>45.1
>31.3
>18.9
>15.2
>10.5
Over Voltage Protection
(*9) VDC 4.12-5.61 6.25-7.25 15.0-17.4 20.2-23.4 30.0-34.8 45.0-52.2 58.5-68.2 69.0-81.0
Remote Sensing
Possible
Remote ON/OFF Control
Possible
Parallel Operation
Possible
Series Operation
Possible
Monitoring Signal
ALM (Open Collector Output)
Line DIP
Designed to meet SEMI-F47 (200VAC line only)
Environment
Operating Temperature (*11)
℃
-20 to +74°C (-20°C to +50°C: 100%, +74°C: 50%), 100% load start up at -40°C
Storage Temperature
℃
-40 to +85°C
Operating Humidity
% RH
20 - 90 %RH (No dewdrop)
Storage Humidity
% RH
10 - 95%RH (No dewdrop)
Vibration
(*12)
Designed to meet MIL-STD-810F 514.5 Category 4, 10
Shock (In package)
Designed to meet MIL-STD-810F 516.5 Procedure I,VI
Cooling
Forced air by build-in fan
Isolation
Withstand Voltage
Input-Output : 3.0kVAC (20mA), Input-FG : 2.0kVAC (20mA), Output-FG : 500VAC (100mA),
(60V model: 651VAC (130mA)), Output-CNT/ALM/AUX : 100VAC (100mA) for 1min.
Isolation Resistance
Input-FG, Input-Output and Output-FG: More than 50M
Ω (500VDC), Output-CNT/ALM/AUX: More than 50MΩ (100VDC) at Ta=25°C and 70%RH
Standards
Safety Standards
(*13)
Approved by UL60950-1, CSA60950-1, EN60950-1, EN50178, Designed to meet DENAN, EN61010-1
PFHC
Designed to meet IEC61000-3-2
EMI
Designed to meet VCCI-B, FCC-B, EN55011/EN55022-B
Immunity
Designed to meet EN61000-4-2 (Level 2,3), -3 (Level 3), -4 (Level 3), -5 (Level 3,4), -6 (Level 3), -8 (Level 4), -11
Mechanical
Weight (typ)
1.6kg
Size (W×H×D)
mm
120 x 61 x 190 (Refer to Outline Drawing)
(*1) (
): Peak output current is possible at 170-265VAC input range, operating period at peak output current is less than 10sec, duty less than 35%.
Average output power and current is less than maximum output power and maximum output current.
(*2) At maximum output power, nominal input voltage, Ta=25°C.
(*3) For cases where conformance to various safety specs (UL, CSA, EN) are required, to be described as 100-240VAC, 50/60Hz on name plate.
(*4) First/second inrush current, not applicable for the in-rush current to noise filter for less than 0.2ms.
(*5) Please refer to Fig A for measurement of line & load regulation, ripple and noise voltage.
Ripple & noise are measured at 20MHz by using a twisted pair of load wires terminated with a 0.1uF and 47uF capacitor.
(*6) 85-265VAC, constant load.
(*7) No load - full load (maximum power), constant input voltage.
(*8) Constant current limit with automatic recovery.
Avoid to operate at overload or dead short for more than 30 seconds.
(*9) OVP circuit will shutdown output, manual reset. (Remote ON/OFF control reset or re-power on).
(*10) Measured by each measuring method of UL, CSA, EN and DENAN (at 60Hz), Ta=25°C.
(*11) Refer to output derating curve for details of output derating versus ambient temperature.
- Load (%) is percent of maximum output power and maximum output current (Item 2 and 3).
Do not exceed derating of maximum output power and maximum output current.
- 100% load start up at -40°C is possible. However, it may not fulfil all the specifications.
(*13) Category 4 exposure levels: Trunk transportation over U.S. highways, composite two-wheeled trailer.
(*14) As for DENAN, designed to meet at 100VAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com