Electronic Components Datasheet Search
  English  ▼

X  

SWS-L Datasheet(PDF) 15 Page - TDK Electronics

Part # SWS-L
Description  Compact and high-power AC/DC power supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS-L Datasheet(HTML) 15 Page - TDK Electronics

Back Button SWS-L Datasheet HTML 11Page - TDK Electronics SWS-L Datasheet HTML 12Page - TDK Electronics SWS-L Datasheet HTML 13Page - TDK Electronics SWS-L Datasheet HTML 14Page - TDK Electronics SWS-L Datasheet HTML 15Page - TDK Electronics SWS-L Datasheet HTML 16Page - TDK Electronics SWS-L Datasheet HTML 17Page - TDK Electronics SWS-L Datasheet HTML 18Page - TDK Electronics SWS-L Datasheet HTML 19Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
・All specifications are subject to change without notice.
SWS 600L, 1000L
Output - CNT· AUX · ALM : 100VAC 1min. (100mA)
Output Voltage External Control (PV)
Output voltage external control function is available. Output
voltage can be varied by applying an external voltage (1–6V) to
“PV” terminal and “COM” terminal. Please consider the follow-
ing characteristics.
Connection method
Output Voltage Linearity
Output Voltage Derating
Note 1. Regarding output voltage adjustment below 20%, please
consult our sales.
Note 2. For 3.3V output model, limit output voltage variation range
at 30% - 120%. At PV voltage variation 1.5V - 6V.
For 15V output model, limit output voltage variation range
at 20% - 130%. At PV voltage variation 1V - 6.5V.
For 48V output model, limit output voltage variation range
at 20% - 116.7%. At PV voltage variation 1V - 5.8V.
For 60V output model, limit output voltage variation range
at 20% - 110%. At PV voltage variation 1V - 5.5V.
Output Peak Current
For 24V, 48V output model, please meet the following condi-
tions. Reduce peak current value according to output derating
as section 4-2.
Input voltage range : AC170V - 265V
Continuous Peak output time (
τ) : Within 10 seconds
Peak output current (Ip) : Within the rated peak output current
Average DC output current (Im) : Within the rated output cur-
rent, Iav
Ip : Peak output current (A)
Iav : Rated output current (A)
Im : Average output current (A)
τ : Peak current pulse width (sec)
T
: Period (sec)
Auxiliary Supply
Auxiliary supply (12V, 0.1A max) is provided to ease customer
application. Aux voltage is functionally isolated from all other
signal terminals and output terminals, and it is always available
as long as input power in the specified voltage range is present.
Load
Power Supply
+S
+Vm
-S
-Vm
PV
COM
External voltage
120%
110%
Nominal
Output
Voltage
20%
01V
5V
5.5V
6V
PV voltage (Nominal Input Voltage)
0A
aA
Im
+a
=
=
( Ip - a ) ×
τ
T
τ
T
Duty
:
Duty
× 100 (%)
up to 35 (%)
Im
T
Ip
τ
Withstand
Voltage
Tester
AC(L)
G1
G2
AUX
ALM
TOG
CNT2
CNT1
PV
COM
PC
-S
-Vm
-
+
+Vm
+S
AC(N)
120%
110%
Nominal
Output
Voltage
20%
0
90%
83%
100%
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com