Electronic Components Datasheet Search
  English  ▼

X  

LR38574 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR38574
Description  Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38574 Datasheet(HTML) 1 Page - Sharp Corporation

  LR38574 Datasheet HTML 1Page - Sharp Corporation LR38574 Datasheet HTML 2Page - Sharp Corporation LR38574 Datasheet HTML 3Page - Sharp Corporation LR38574 Datasheet HTML 4Page - Sharp Corporation LR38574 Datasheet HTML 5Page - Sharp Corporation LR38574 Datasheet HTML 6Page - Sharp Corporation LR38574 Datasheet HTML 7Page - Sharp Corporation LR38574 Datasheet HTML 8Page - Sharp Corporation LR38574 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
DESCRIPTION
The LR38574 is a CMOS timing generator IC
which generates timing pulses for driving 1 090 k/
1 310 k-pixel CCD area sensors and processing
pulses.
FEATURES
• Designed for 1/3-type 1 090 k/1 310 k-pixel CCD
area sensors
• Frequency of driving horizontal CCD : 12.27 MHz
• Both double speed drive monitoring mode and
still mode are possible
• Two still mode types :
3 fields period and 4 fields period
• External shutter control function with serial data
input is possible
• +3 V and +4.5 V power supplies
• Package :
48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch
PIN CONNECTIONS
LR38574
LR38574
Timing Generator IC for
1 090 k/1 310 k-pixel CCDs
1
48 47 46 45 44 43 42 41 40 39
37
13 14 15 16 17 18 19 20 21 22 23 24
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
OFDC
V1x
VH1Ax
VH1Bx
V2x
VDD3
GND
V3x
VH3Ax
VH3Bx
V4x
OFDX
ID
ED2
ED1
ED0
HD
GND
VDD3
VD
DCLK
CLK
CKO
CKI
38
48-PIN QFP
TOP VIEW
(QFP048-P-0707)


Similar Part No. - LR38574

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
More results

Similar Description - LR38574

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
logo
Adels-Contact
125601 ADELS-125601 Datasheet
115Kb / 1P
1000 K/ 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com