Electronic Components Datasheet Search
  English  ▼

X  

LR38574 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38574
Description  Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38574 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38574 Datasheet HTML 1Page - Sharp Corporation LR38574 Datasheet HTML 2Page - Sharp Corporation LR38574 Datasheet HTML 3Page - Sharp Corporation LR38574 Datasheet HTML 4Page - Sharp Corporation LR38574 Datasheet HTML 5Page - Sharp Corporation LR38574 Datasheet HTML 6Page - Sharp Corporation LR38574 Datasheet HTML 7Page - Sharp Corporation LR38574 Datasheet HTML 8Page - Sharp Corporation LR38574 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
LR38574
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
A test pin. Set open or to L level in the normal mode.
Test pin 1
ICD4
TST1
37
Supply of +4.5 V power.
Power supply
VDD4
40
–
–
O6MA43
41
FH1
Horizontal transfer
pulse output 1
A horizontal transfer pulse for CCD.
Connect to ØH1 pin of CCD.
–
The pulse is used in color separator.
The signal switches between high and low at every line.
Line index pulse
output
O3
ID
36
–
38
TST2
ICD4
Test pin 2
A test pin. Set open or to L level in the normal mode.
An input pin to select CCD. It should be used with
MODE input which is in the serial data.
CCD selection input
ICU4
CCD
39
–
A grounding pin.
Ground
GND
42
–
–
O6MA43
43
FH2
Horizontal transfer
pulse output 2
A horizontal transfer pulse for CCD.
Connect to ØH2 pin of CCD.
Supply of +4.5 V power.
Power supply
VDD4
44
–
–
–
–
ICD4
45
TST3
Test pin 3
A test pin. Set open or to L level in the normal mode.
A pulse to reset the charge of output circuit.
The output phase of FR is selected by serial data.
Reset pulse output
FR
46
O6MA43
ICU3
47
DRMD
Drive mode selection
input
An input pin to select the period of still mode.
L level
: 3 fields period
H level or open
: 4 fields period
A trigger pulse for effective signal period.
Trigger output
SHTR
48
O3
IC3
: Input pin (CMOS level)
ICU3
: Input pin (CMOS level with pull-up resistor)
ICSU3
: Input pin (CMOS level with schmitt-trigger)
ICU4
: Input pin (CMOS level with pull-up resistor)
ICD4
: Input pin (CMOS level with pull-down resistor)
O3
: Output pin (output high level is VDD3.)
O6MA3
: Output pin (output high level is VDD3.)
O6MA43 : Output pin (output high level is VDD4.)
OSCI3
: Input pin for oscillation
OSCO3
: Output pin for oscillation
–
35
ED2
ICSU3
Shift register data
input
An input pin for the data of the shift register, to control
the functions of LR38574. For details, see "Serial Data
Control".
CCD
MODE
CCD
–
H
H
–
L
H
LZ23J3V
H
L–
L
L
LZ23H3V1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com