Electronic Components Datasheet Search
  English  ▼

X  

LR38574 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38574
Description  Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38574 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38574 Datasheet HTML 1Page - Sharp Corporation LR38574 Datasheet HTML 2Page - Sharp Corporation LR38574 Datasheet HTML 3Page - Sharp Corporation LR38574 Datasheet HTML 4Page - Sharp Corporation LR38574 Datasheet HTML 5Page - Sharp Corporation LR38574 Datasheet HTML 6Page - Sharp Corporation LR38574 Datasheet HTML 7Page - Sharp Corporation LR38574 Datasheet HTML 8Page - Sharp Corporation LR38574 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
LR38574
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
20
VDD3
–
Power supply
Supply of +3.3 V power.
An input pin for resetting all internal circuits at power on.
Connect to VDD through the diode and GND through the
capacitor.
All clear input
ICU3
ACLX
21
–
A grounding pin.
Ground
–
GND
23
22
RS
O6MA3
S/H pulse output
A pulse to sample-hold the signal.
The output phase of RS is selected by serial data.
24
VCON
ICU3
VD control input
An input pin to control internal vertical clock for long
shutter speed.
H level or open
: VD
L level
: VD is masked by the pulse which
is latched at the rising edge of VD.
It's necessary to be set SMD = high and number of the
fields data n ≥ 2 in serial data control at VCON operation.
–
–
A pulse to sample-hold the signal from CCD.
The output phase of FS is selected by serial data.
CDS pulse output 2
O6MA3
FS
19
–
–
An input pin for reference clock oscillation.
The frequency is 24.54545 MHz.
Clock input
OSCI3
CKI
25
26
CKO
OSCO3
Clock output
An output pin for reference clock oscillation.
The output is the inverse of CKI (pin 25).
–
An output pin to generate HD and VD pulses.
The frequency is 12.72737 MHz.
Clock output
O6MA3
CLK
27
28
DCLK
O6MA3
Clock output
An output pin for DSP IC. The frequency is 12.72727 MHz.
The output phase of DCLK is selected by serial data
step by 90˚.
An input pin for reference of vertical pulse.
Connect to VD pin of DSP IC.
Vertical reference
pulse input
IC3
VD
29
30
VDD3
–
Power supply
Supply of +3.3 V power.
–
–
A grounding pin.
Ground
–
GND
31
32
HD
IC3
Horizontal drive
pulse input
An input pin for reference of horizontal pulse.
Connect to HD pin of DSP IC.
An input pin for the strobe pulse, to control the functions
of LR38574. For details, see "Serial Data Control".
Strobe pulse input
ICSU3
ED0
33
–
–
34
ED1
ICSU3
Shift register clock
input
An input pin for the clock of the shift register, to control
the functions of LR38574. For details, see "Serial Data
Control".
18
FCDS
O6MA3
CDS pulse output 1
A pulse to clamp the feed-through level from CCD.
The output phase of FCDS is selected by serial data.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com