Electronic Components Datasheet Search
  English  ▼

X  

LR38574 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38574
Description  Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38574 Datasheet(HTML) 6 Page - Sharp Corporation

  LR38574 Datasheet HTML 1Page - Sharp Corporation LR38574 Datasheet HTML 2Page - Sharp Corporation LR38574 Datasheet HTML 3Page - Sharp Corporation LR38574 Datasheet HTML 4Page - Sharp Corporation LR38574 Datasheet HTML 5Page - Sharp Corporation LR38574 Datasheet HTML 6Page - Sharp Corporation LR38574 Datasheet HTML 7Page - Sharp Corporation LR38574 Datasheet HTML 8Page - Sharp Corporation LR38574 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LR38574
6
Serial Data Control
SERIAL DATA INPUT TIMING
The data is shifted at the rising edge of ED1, and is
latched at the rising edge of ED0.
PWSA is effective at the rising edge of ED0, but
others are effective at the horizontal line in which
VH1AX to VH3BX are active.
ED0 should be low level during data inputs of ED1
and ED2.
As all internal data are set to low level by ACLX or
PWSA, ED0 to ED1 should be input for desirable
operations.
As all internal data except PWSA are set to low
level by PWSA, ED0 to ED1 should be input for
desirable operations.
ED0
ED1
ED2
D29
D28
D30 D31
D27
D26
D25
D24
D23
D22
D21
D09 D10
D08
D07
D06
D05
D04
D03
D02
D01
D00
...
D11
D20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com