Electronic Components Datasheet Search
  English  ▼

X  

TLK100 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TLK100 Datasheet HTML 59Page - Texas Instruments TLK100 Datasheet HTML 60Page - Texas Instruments TLK100 Datasheet HTML 61Page - Texas Instruments TLK100 Datasheet HTML 62Page - Texas Instruments TLK100 Datasheet HTML 63Page - Texas Instruments TLK100 Datasheet HTML 64Page - Texas Instruments TLK100 Datasheet HTML 65Page - Texas Instruments TLK100 Datasheet HTML 66Page - Texas Instruments TLK100 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
TLK100
www.ti.com
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
8.5.8
TDR Control Register (TDRCR)
This register allows configuring the TDR modes.
Table 8-37. TDR Control Register (TDRCR), address 0x0C01
BIT
NAME
DEFAULT
FUNCTION
15:11
Reserved
0x02,RO
Ignore on read
10
cfg_tdr_tx_mode
0x1,RW
1 – Enable TDR TX transmission mode
9
Reserved
0,RW
Reserved
8:6
cfg_soft_avr_cycles
0x7,RW
Number of averaging cycles:
0x0 – TDR disabled.
0x1 – 1 TDR cycle (no averaging).
0x2 – 2 TDR cycles.
0x3 – 4 TDR cycles.
0x4 – 8 TDR cycles.
0x5 – 16 TDR cycles.
0x6 – 32 TDR cycles.
0x7 – 64 TDR cycles.
5:3
cfg_post_cmp_size
0x4,RW
Number of forward samples for peak detection comparison.
2:0
cfg_pre_cmp_size
0x3,RW
Number of backward samples for peak detection comparison.
8.5.9
TDR Clock Cycles Register (TDRLCR)
This register allows configuring the number of clock cycles in a pattern TDR test.
Table 8-38. TDR Clock Cycles Register (TDRLCR), address 0x0C02
BIT
NAME
DEFAULT
FUNCTION
15:8
Reserved
0,RO
Ignore on read
7:0
cfg_ptrn_cycle_time
0xFF,RW
Number of clock cycles in a TDR pattern test.
8.5.10 TDR Low Threshold Register (TDRLT1)
This register allows configuring the threshold for finding the peaks of the reflected signal in the TDR test.
Table 8-39. TDR Low Threshold Register (TDRLT1), address 0x0C03
BIT
NAME
DEFAULT
FUNCTION
15
Reserved
0,RO
Ignore on read
14:8
cfg_ptrn_low_th_1
0xC,RW
Peak (absolute) low threshold value 1, for TX pattern.
7
Reserved
0,RO
Ignore on read
6:0
cfg_ptrn_low_th_0
0x10,RW
Peak (absolute) low threshold value 0, for TX pattern.
8.5.11 TDR Low Threshold Register (TDRLT2)
This register allows configuring the threshold for finding the peaks of the reflected signal in the TDR test.
Table 8-40. TDR Low Threshold Register (TDRLT2), address 0x0C04
BIT
NAME
DEFAULT
FUNCTION
15
Reserved
0,RO
Ignore on read
14:8
cfg_ptrn_low_th_3
0x7,RW
Peak (absolute) low threshold value 3, for TX pattern.
7
Reserved
0,RO
Ignore on read
6:0
cfg_ptrn_low_th_2
0x9,RW
Peak (absolute) low threshold value 2, for TX pattern.
Copyright © 2009, Texas Instruments Incorporated
Register Block
63
Submit Documentation Feedback
Product Folder Link(s): TLK100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com