Electronic Components Datasheet Search
  English  ▼

X  

TLK100 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TLK100 Datasheet HTML 62Page - Texas Instruments TLK100 Datasheet HTML 63Page - Texas Instruments TLK100 Datasheet HTML 64Page - Texas Instruments TLK100 Datasheet HTML 65Page - Texas Instruments TLK100 Datasheet HTML 66Page - Texas Instruments TLK100 Datasheet HTML 67Page - Texas Instruments TLK100 Datasheet HTML 68Page - Texas Instruments TLK100 Datasheet HTML 69Page - Texas Instruments TLK100 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
TLK100
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
www.ti.com
8.5.19 TDR Pattern Control Register 2 (TDRLCR2)
This register allows configuring the gear threshold values for the TDR test.
Table 8-48. TDR Pattern Control Register 2 (TDRLCR2), address 0x0C0C
BIT
NAME
DEFAULT
FUNCTION
15:9
Reserved
0,RO
Ignore on read
8:4
cfg_ptrn_gear_tout
0x14,RW
Thresholds gear shifts distance in samples
3:0
Reserved
0x8,RO
Ignore on read
8.5.20 DSA Configuration Register 1 (DSACR1)
This register allows use of the smoothing filter during the DSA tests.
Table 8-49. DSA Configuration Register 1 (DSACR1), address 0x0C26
BIT
NAME
DEFAULT
FUNCTION
15:7
Reserved
0x180,RO
Ignore on read
6
cfg_dsa_smooth_filt_byps
0x1,RW
0 = Disable DSA engine smooth filter bypass
1 = Enable DSA engine smooth filter bypass
5:0
Reserved
0x04,RO
Ignore on read
8.5.21 DSA Configuration Register 2 (DSACR2)
This register allows configuration of the DSA taps are used for the DSA tests. We specify the first and last
taps in use and the DSA uses all the taps between them.
Table 8-50. DSA Configuration Register 2 (DSACR2), address 0x0C27
BIT
NAME
DEFAULT
FUNCTION
15:8
cfg_dsa_en_last_coeff_num
0x1E,RW
Last coefficient number used by the DSA engine
7:0
cfg_dsa_en_first_coeff_num
0x0,RW
First coefficient number used by the DSA engine
8.5.22 DSA Start Frequency (DSASFR)
This register allows configuration of the starting frequency for the spectrum analysis of the DSA engine. It
represents 1.9 kHz resolution in the frequency domain.
Table 8-51. DSA Start Frequency (DSASFR), address 0x0C28
BIT
NAME
DEFAULT
FUNCTION
15:0
cfg_start_freq
0x0,RW
Starting frequency for the DSA
8.5.23 DSA Frequency Control (DSAFCR)
This register defines the average factor we will use in the DSA. In addition it defines the frequency step for
the DSA. The field represents resolution of 119.2 Hz.
Table 8-52. DSA Frequency Control (DSAFCR), address 0x0C29
BIT
NAME
DEFAULT
FUNCTION
15:12
cfg_dsa_average
0xA,RW
Averaging factor for DSA engine – 2X cycles
11
Reserved
0x0,RO
Reserved
10:0
cfg_dsa_inc_factor
0x400,RW
DSA Frequency increment factor (frequency step)
66
Register Block
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com