Electronic Components Datasheet Search
  English  ▼

X  

TLK100 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK100 Datasheet HTML 9Page - Texas Instruments TLK100 Datasheet HTML 10Page - Texas Instruments TLK100 Datasheet HTML 11Page - Texas Instruments TLK100 Datasheet HTML 12Page - Texas Instruments TLK100 Datasheet HTML 13Page - Texas Instruments TLK100 Datasheet HTML 14Page - Texas Instruments TLK100 Datasheet HTML 15Page - Texas Instruments TLK100 Datasheet HTML 16Page - Texas Instruments TLK100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
TLK100
www.ti.com
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
3
Configuration
This section includes information on the various configuration options available with the TLK100. The
configuration options described below include:
•
Auto-Negotiation
•
Auto-MDIX
•
PHY Address
•
LED Interface
•
Loopback Functionality
•
BIST
•
Cable Diagnostics
3.1
Auto-Negotiation
The TLK100 device can auto-negotiate to operate in 10BASE-T or 100BASE-TX. If Auto-Negotiation is
enabled, then the TLK100 device negotiates with the link partner to determine the speed and duplex with
which to operate. If the link partner is unable to Auto-Negotiate, the TLK100 device would go into the
parallel detect mode to determine the speed of the link partner. Under parallel detect mode, the duplex
mode is fixed at half-duplex.
The TLK100 supports four different Ethernet protocols (10 Mb/s Half Duplex, 10 Mb/s Full Duplex, 100
Mb/s Half Duplex, and 100 Mb/s Full Duplex), so the inclusion of Auto-Negotiation ensures that the
highest performance protocol will be selected based on the advertised ability of the Link Partner. The
Auto-Negotiation function within the TLK100 can be controlled either by internal register access or by the
use of the AN_EN, AN_1 and AN_0 pins.
The state of AN_EN, AN_0 and AN_1 pins determines whether the TLK100 is forced into a specific mode
or Auto-Negotiation will advertise a specific ability (or set of abilities) as given in Table 2-1. These pins
allow configuration options to be selected without requiring internal register access. The state of AN_EN,
AN_0 and AN_1, upon power-up/reset, determines the state of bits [8:5] of the ANAR register (0x04h).
Table 3-1. Auto-Negotiation Modes
AN_EN
AN_1
AN_0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN_1
AN_0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
10BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T, Half Duplex
100BASE-TX, Half Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex
Copyright © 2009, Texas Instruments Incorporated
Configuration
13
Submit Documentation Feedback
Product Folder Link(s): TLK100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com