Electronic Components Datasheet Search
  English  ▼

X  

TLK100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK100
Description  Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK100 Datasheet HTML 17Page - Texas Instruments TLK100 Datasheet HTML 18Page - Texas Instruments TLK100 Datasheet HTML 19Page - Texas Instruments TLK100 Datasheet HTML 20Page - Texas Instruments TLK100 Datasheet HTML 21Page - Texas Instruments TLK100 Datasheet HTML 22Page - Texas Instruments TLK100 Datasheet HTML 23Page - Texas Instruments TLK100 Datasheet HTML 24Page - Texas Instruments TLK100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]
MII_RX_CLK
MII_RX_DV
MII_RX_ERR
MII_RXD[3:0]
MII_CRS
MII_COL
TLK100
MAC
TX_CLK
TX_EN
TXD[3:0]
RX_CLK
RX_DV
RX_ER
RXD[3:0]
CRS
COL
TLK100
www.ti.com
SLLS931B – AUGUST 2009 – REVISED DECEMBER 2009
4
Interfaces
4.1
Media Independent Interface (MII)
The Media Independent Interface (MII) is a synchronous 4-bit wide nibble data interface that connects the
PHY to the MAC in 100B-TX and 10B-T modes. The MII is fully compliant with IEEE802.3-2002 clause 22.
The MII consists of the data signals MII_TXD[3:0] and MII_RXD[3:0], transmit and receive valid signals
MII_TX_EN and MII_RX_DV, error signal MII_RX_ERR and transmit/receive clocks MII_TX_CLK and
MII_RX_CLK. In addition, the interface consists of asynchronous line status signals MII_CRS and
MII_COL, indicating carrier sense and collision. Data on MII_TXD[3:0] and MII_RXD[3:0] are latched with
reference to the edges of MII_RX_CLK and MII_TX_CLK clocks respectively as defined in the MII timing
diagrams 22-14 and 22-15 of IEEE802.3-2002 clause 22. Both clocks are sourced by the PHY. In
100B-TX mode, the MII_RX_CLK and MII_TX_CLK source 25MHz clocks and in 10B-T, they source
2.5MHz clocks.
Figure 4-1 describes the MII signals connectivity.
Figure 4-1. MII Signaling
The isolate register 0.10 defined in IEEE802.3-2002 used to electrically isolate the PHY from the MII (if
set, all transactions on the MII interface are ignored by the PHY).
Additionally, the MII interface includes the carrier sense signal MII_CRS, as well as a collision detect
signal MII_COL. The MII_CRS signal asserts to indicate the reception of data from the network or as a
function of transmit data in Half Duplex mode. The MII_COL signal asserts as an indication of a collision
which can occur during half-duplex operation when both transmit and receive operation occur
simultaneously.
Copyright © 2009, Texas Instruments Incorporated
Interfaces
21
Submit Documentation Feedback
Product Folder Link(s): TLK100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com