Electronic Components Datasheet Search
  English  ▼

X  

XM-L Datasheet(PDF) 5 Page - Cree, Inc

Part # XM-L
Description  Cree® XLamp® XM-L LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L Datasheet(HTML) 5 Page - Cree, Inc

  XM-L Datasheet HTML 1Page - Cree, Inc XM-L Datasheet HTML 2Page - Cree, Inc XM-L Datasheet HTML 3Page - Cree, Inc XM-L Datasheet HTML 4Page - Cree, Inc XM-L Datasheet HTML 5Page - Cree, Inc XM-L Datasheet HTML 6Page - Cree, Inc XM-L Datasheet HTML 7Page - Cree, Inc XM-L Datasheet HTML 8Page - Cree, Inc XM-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
xlamp xm-l leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2010-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
5
relative fluX vs. current (t
J = 25°c)
relative chromaticity versus current and temPerature (cool white)
Typical Spatial Radiation Pattern
0%
25%
50%
75%
100%
125%
150%
175%
200%
225%
250%
275%
300%
325%
350%
0
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000
Forward Current (mA)
Cool White
Warm White
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
500
1000
1500
2000
2500
3000
Current (mA)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
500
1000
1500
2000
2500
3000
Current (mA)
ΔCCx
ΔCCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com