Electronic Components Datasheet Search
  English  ▼

X  

XM-L Datasheet(PDF) 8 Page - Cree, Inc

Part # XM-L
Description  Cree® XLamp® XM-L LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L Datasheet(HTML) 8 Page - Cree, Inc

Back Button XM-L Datasheet HTML 4Page - Cree, Inc XM-L Datasheet HTML 5Page - Cree, Inc XM-L Datasheet HTML 6Page - Cree, Inc XM-L Datasheet HTML 7Page - Cree, Inc XM-L Datasheet HTML 8Page - Cree, Inc XM-L Datasheet HTML 9Page - Cree, Inc XM-L Datasheet HTML 10Page - Cree, Inc XM-L Datasheet HTML 11Page - Cree, Inc XM-L Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
xlamp xm-l leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2010-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
8
reflow solderinG characteristics
In testing, Cree has found XLamp XM-L LeDs to be compatible with JeDeC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
lead-Based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3°C/second max.
3°C/second max.
Preheat: Temperature Min (Ts
min)
100°C
150°C
Preheat: Temperature Max (Ts
max)
150°C
200°C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183°C
217°C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215°C
260°C
Time Within 5°C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/second max.
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com