Electronic Components Datasheet Search
  English  ▼

X  

XM-L Datasheet(PDF) 1 Page - Cree, Inc

Part # XM-L
Description  Cree® XLamp® XM-L LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L Datasheet(HTML) 1 Page - Cree, Inc

  XM-L Datasheet HTML 1Page - Cree, Inc XM-L Datasheet HTML 2Page - Cree, Inc XM-L Datasheet HTML 3Page - Cree, Inc XM-L Datasheet HTML 4Page - Cree, Inc XM-L Datasheet HTML 5Page - Cree, Inc XM-L Datasheet HTML 6Page - Cree, Inc XM-L Datasheet HTML 7Page - Cree, Inc XM-L Datasheet HTML 8Page - Cree, Inc XM-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product family data sheet
cree® Xlamp® Xm-l leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Product descriPtion
The XLamp XM-L LeD is the indus-
try’s highest performance, single-
die white lighting-class LeD. XLamp
XM-L is 20% more efficient than
XLamp XP-G at the same current,
and can deliver 1000 lumens with
100 lumens per Watt efficacy. The
XLamp XM-L LeD offers Cree’s in-
dustry-leading features: wide view-
ing angle, symmetrical package,
unlimited floor life and electrically
neutral thermal path.
XLamp XM-L LeDs can enable LeD
light into new applications that re-
quire tens of thousands of lumens,
such as high bay and high-output
area lighting. XM-L is also the ide-
al choice for lighting applications
where high light output and maxi-
mum efficacy are required, such as
LeD light bulbs, outdoor lighting,
portable lighting, indoor lighting
and solar-powered lighting.
features
•
Maximum drive current:
3000 mA
•
Low thermal resistance:
2.5°C/W
•
Maximum junction
temperature: 150°C
•
viewing angle: 125°
•
Available in warm, neutral and
cool white
•
ANSI-compatible chromaticity
bins
•
Unlimited floor life at
≤ 30ºC/85% RH
•
Reflow solderable -
JeDeC J-STD-020C
•
electrically neutral thermal
path
taBle of contents
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2010-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
label
with
cree
Bin
code,
Qty, lot # ......................................
10
label with customer order code, ..
10
Qty, reel id, Po# ..........................
10
Flux Characteristics.................... 2
Characteristics .......................... 2
Relative Spectral Power
Distribution............................... 3
Relative Flux vs. Junction
Temperature ............................. 3
electrical Characteristics............. 4
Thermal Design......................... 4
Relative Flux vs. Current ............ 5
Relative Chromaticity vs. Current
and Temperature (Cool White)..... 5
Relative Chromaticity vs. Current
and Temperature (Warm White)... 6
Typical Spatial Distribution.......... 7
Reflow Soldering Characteristics .. 8
Notes....................................... 9
Mechanical Dimensions..............10
Tape and Reel ........................... 9
Packaging................................10
label
with
cree
Bin
code,
Qty, lot # .................................
10
label
with
customer
order
code,........................................
10
Qty, reel id, Po# .....................
10


Similar Part No. - XM-L

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
logo
Comchip Technology
XM-L-COLOR COMCHIP-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
XM-L-COLOR COMCHIP-XM-L-COLOR_15 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
logo
Cree, Inc
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
Cree XLamp XM-L2 LEDs
Rev 6F
More results

Similar Description - XM-L

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
Cree XLamp XM-L LEDs
Rev 0
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
XLamp XM-L Color LEDs
Rev 2A
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
Cree XLamp XM-L2 LEDs
Rev 6F
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XMLEZW-00-0000-0B00U450H CREE-XMLEZW-00-0000-0B00U450H Datasheet
1Mb / 22P
XLamp XM-L EasyWhite® LEDs
Rev 8D
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 10P
XLamp XM-L HVW LEDs
rev 7E
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com