Electronic Components Datasheet Search
  English  ▼

X  

XM-L Datasheet(PDF) 9 Page - Cree, Inc

Part # XM-L
Description  Cree® XLamp® XM-L LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L Datasheet(HTML) 9 Page - Cree, Inc

Back Button XM-L Datasheet HTML 4Page - Cree, Inc XM-L Datasheet HTML 5Page - Cree, Inc XM-L Datasheet HTML 6Page - Cree, Inc XM-L Datasheet HTML 7Page - Cree, Inc XM-L Datasheet HTML 8Page - Cree, Inc XM-L Datasheet HTML 9Page - Cree, Inc XM-L Datasheet HTML 10Page - Cree, Inc XM-L Datasheet HTML 11Page - Cree, Inc XM-L Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
xlamp xm-l leds
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
Copyright © 2010-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
9
notes
Lumen Maintenance Projections
Cree currently recommends a maximum drive current of 2000 mA for XLamp XM-L white in designs seeking the eNeRGY
STAR* 35,000 hour lifetime rating (≥ 94.1% luminous flux @ 6000 hours) or 25,000-hour lifetime rating (≥ 91.8%
luminous flux @ 6000 hours).
Please read the XLamp Long-Term Lumen Maintenance application note for more details on Cree’s lumen maintenance
testing and forecasting. Please read the XLamp Thermal Management application note for details on how thermal design,
ambient temperature, and drive current affect the LeD junction temperature.
* These lifetime ratings are based on the current eNeRGY STAR Solid State Lighting Luminaires v1.1 (December 12,
2008) and ENERGY STAR Integral LED Lamps V1.0 (December 3, 2009) lumen maintenance criteria.
Moisture Sensitivity
In testing, Cree has found XLamp XM-L LEDs to have unlimited floor life in conditions ≤30ºC / 85% relative humidity
(RH). Moisture testing included a 168 hour soak at 85ºC / 85% RH followed by 3 reflow cycles, with visual and electrical
inspections at each stage.
vision Advisory Claim
WARNING: Do not look at exposed lamp in operation. eye injury can result. See LeD eye Safety at http://www.cree.
com/products/pdf/XLamp_eyeSafety.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com