Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 64Page - NXP Semiconductors LPC1311 Datasheet HTML 65Page - NXP Semiconductors LPC1311 Datasheet HTML 66Page - NXP Semiconductors LPC1311 Datasheet HTML 67Page - NXP Semiconductors LPC1311 Datasheet HTML 68Page - NXP Semiconductors LPC1311 Datasheet HTML 69Page - NXP Semiconductors LPC1311 Datasheet HTML 70Page - NXP Semiconductors LPC1311 Datasheet HTML 71Page - NXP Semiconductors LPC1311 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 June 2011
68 of 73
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
14. Abbreviations
Table 24.
Abbreviations
Acronym
Description
A/D
Analog-to-Digital
ADC
Analog-to-Digital Converter
AHB
Advanced High-performance Bus
AMBA
Advanced Microcontroller Bus Architecture
APB
Advanced Peripheral Bus
BOD
BrownOut Detection
EOP
End Of Packet
ETM
Embedded Trace Macrocell
FIFO
First-In, First-Out
GPIO
General Purpose Input/Output
HID
Human Interface Device
I/O
Input/Output
LSB
Least Significant Bit
MSC
Mass Storage Class
PHY
Physical Layer
PLL
Phase-Locked Loop
SE0
Single Ended Zero
SPI
Serial Peripheral Interface
SSI
Serial Synchronous Interface
SSP
Synchronous Serial Port
SoF
Start-of-Frame
TCM
Tightly-Coupled Memory
TTL
Transistor-Transistor Logic
UART
Universal Asynchronous Receiver/Transmitter
USB
Universal Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com