Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 8Page - NXP Semiconductors LPC1311 Datasheet HTML 9Page - NXP Semiconductors LPC1311 Datasheet HTML 10Page - NXP Semiconductors LPC1311 Datasheet HTML 11Page - NXP Semiconductors LPC1311 Datasheet HTML 12Page - NXP Semiconductors LPC1311 Datasheet HTML 13Page - NXP Semiconductors LPC1311 Datasheet HTML 14Page - NXP Semiconductors LPC1311 Datasheet HTML 15Page - NXP Semiconductors LPC1311 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 June 2011
12 of 73
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
PIO1_5/RTS/
CT32B0_CAP0
45[3] yes
I/O
I; PU
PIO1_5 — General purpose digital input/output pin.
O-
RTS — Request To Send output for UART.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
46[3] yes
I/O
I; PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
PIO1_7/TXD/
CT32B0_MAT1
47[3] yes
I/O
I; PU
PIO1_7 — General purpose digital input/output pin.
O-
TXD — Transmitter output for UART.
O-
CT32B0_MAT1 — Match output 1 for 32-bit timer 0.
PIO1_8/CT16B1_CAP0 9[3]
yes
I/O
I; PU
PIO1_8 — General purpose digital input/output pin.
I-
CT16B1_CAP0 — Capture input 0 for 16-bit timer 1.
PIO1_9/CT16B1_MAT0 17[3] yes
I/O
I; PU
PIO1_9 — General purpose digital input/output pin.
O-
CT16B1_MAT0 — Match output 0 for 16-bit timer 1.
PIO1_10/AD6/
CT16B1_MAT1
30[5] yes
I/O
I; PU
PIO1_10 — General purpose digital input/output pin.
I-
AD6 — A/D converter, input 6.
O-
CT16B1_MAT1 — Match output 1 for 16-bit timer 1.
PIO1_11/AD7
42[5] yes
I/O
I; PU
PIO1_11 — General purpose digital input/output pin.
I-
AD7 — A/D converter, input 7.
PIO2_0/DTR/SSEL1
2[3]
yes
I/O
I; PU
PIO2_0 — General purpose digital input/output pin.
O-
DTR — Data Terminal Ready output for UART.
I/O
-
SSEL1 — Slave Select for SSP1 (LPC1313FBD48/01 only).
PIO2_1/DSR/SCK1
13[3] yes
I/O
I; PU
PIO2_1 — General purpose digital input/output pin.
I-
DSR — Data Set Ready input for UART.
I/O
-
SCK1 — Serial clock for SSP1 (LPC1313FBD48/01 only).
PIO2_2/DCD/MISO1
26[3] yes
I/O
I; PU
PIO2_2 — General purpose digital input/output pin.
I-
DCD — Data Carrier Detect input for UART.
I/O
-
MISO1 — Master In Slave Out for SSP1 (LPC1313FBD48/01 only).
PIO2_3/RI/MOSI1
38[3] yes
I/O
I; PU
PIO2_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART.
I/O
-
MOSI1 — Master Out Slave In for SSP1 (LPC1313FBD48/01 only).
PIO2_4
18[3] yes
I/O
I; PU
PIO2_4 — General purpose digital input/output pin (LPC1342/43
only).
PIO2_4
19[3] yes
I/O
I; PU
PIO2_4 — General purpose digital input/output pin (LPC1313 only).
PIO2_5
21[3] yes
I/O
I; PU
PIO2_5 — General purpose digital input/output pin (LPC1342/43
only).
PIO2_5
20[3] yes
I/O
I; PU
PIO2_5 — General purpose digital input/output pin (LPC1313 only).
PIO2_6
1[3]
yes
I/O
I; PU
PIO2_6 — General purpose digital input/output pin.
PIO2_7
11[3] yes
I/O
I; PU
PIO2_7 — General purpose digital input/output pin.
PIO2_8
12[3] yes
I/O
I; PU
PIO2_8 — General purpose digital input/output pin.
PIO2_9
24[3] yes
I/O
I; PU
PIO2_9 — General purpose digital input/output pin.
Table 3.
LPC1313/42/43 LQFP48 pin description table …continued
Symbol
Pin
Start
logic
input
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com