Electronic Components Datasheet Search
  English  ▼

X  

LPC1311 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1311
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1311 Datasheet HTML 9Page - NXP Semiconductors LPC1311 Datasheet HTML 10Page - NXP Semiconductors LPC1311 Datasheet HTML 11Page - NXP Semiconductors LPC1311 Datasheet HTML 12Page - NXP Semiconductors LPC1311 Datasheet HTML 13Page - NXP Semiconductors LPC1311 Datasheet HTML 14Page - NXP Semiconductors LPC1311 Datasheet HTML 15Page - NXP Semiconductors LPC1311 Datasheet HTML 16Page - NXP Semiconductors LPC1311 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 June 2011
13 of 73
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
[1]
Pin state at reset for default function: I = Input; O = Output; PU = internal pull-up enabled (for VDD = 3.3 V, pin is pulled up to 2.6 V for
parts LPC1311/13/42/43 and pulled up to 3.3 V for parts LPC1311/01 and LPC1313/01); IA = inactive, no pull-up/down enabled;
F = floating; floating pins, if not used, should be tied to ground or power to minimize power consumption.
[2]
5 V tolerant pad. See Figure 37 for pad characteristics. RESET functionality is not available in Deep power-down mode. Use the
WAKEUP pin to reset the chip and wake up from Deep power-down mode. An external pull-up resistor is required on this pin for the
Deep power-down mode.
[3]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis (see Figure 36).
[4]
I2C-bus pads compliant with the I2C-bus specification for I2C standard mode and I2C Fast-mode Plus.
[5]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors, configurable hysteresis, and analog input.
When configured as a ADC input, digital section of the pad is disabled and the pin is not 5 V tolerant (see Figure 36).
[6]
Pad provides USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and Low-speed mode
only). This pad is not 5 V tolerant.
[7]
When the system oscillator is not used, connect XTALIN and XTALOUT as follows: XTALIN can be left floating or can be grounded
(grounding is preferred to reduce susceptibility to noise). XTALOUT should be left floating.
PIO2_10
25[3] yes
I/O
I; PU
PIO2_10 — General purpose digital input/output pin.
PIO2_11/SCK0
31[3] yes
I/O
I; PU
PIO2_11 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SSP0.
PIO3_0/DTR
36[3] yes
I/O
I; PU
PIO3_0 — General purpose digital input/output pin.
O-
DTR — Data Terminal Ready output for UART (LPC1311/01 and
LPC1313/01 only).
PIO3_1/DSR
37[3] yes
I/O
I; PU
PIO3_1 — General purpose digital input/output pin.
I-
DSR — Data Set Ready input for UART (LPC1311/01 and
LPC1313/01 only).
PIO3_2/DCD
43[3] yes
I/O
I; PU
PIO3_2 — General purpose digital input/output pin.
I-
DCD — Data Carrier Detect input for UART (LPC1311/01 and
LPC1313/01 only).
PIO3_3/RI
48[3] yes
I/O
I; PU
PIO3_3 — General purpose digital input/output pin.
I-
RI — Ring Indicator input for UART (LPC1311/01 and LPC1313/01
only).
PIO3_4
18[3] no
I/O
I; PU
PIO3_4 — General purpose digital input/output pin (LPC1313 only).
PIO3_5
21[3] no
I/O
I; PU
PIO3_5 — General purpose digital input/output pin (LPC1313 only).
USB_DM
19[6] no
I/O
F
USB_DM — USB bidirectional D
 line (LPC1342/43 only).
USB_DP
20[6] no
I/O
F
USB_DP — USB bidirectional D+ line (LPC1342/43 only).
VDD
8;
44
-
I
-
3.3 V supply voltage to the internal regulator, the external rail, and
the ADC. Also used as the ADC reference voltage.
XTALIN
6[7]
-
I
-
Input to the oscillator circuit and internal clock generator circuits.
Input voltage must not exceed 1.8 V.
XTALOUT
7[7]
-
O
-
Output from the oscillator amplifier.
VSS
5;
41
-
I
-
Ground.
Table 3.
LPC1313/42/43 LQFP48 pin description table …continued
Symbol
Pin
Start
logic
input
Type Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com