Electronic Components Datasheet Search
  English  ▼

X  

LPC2378 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2378 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2378 Datasheet HTML 1Page - NXP Semiconductors LPC2378 Datasheet HTML 2Page - NXP Semiconductors LPC2378 Datasheet HTML 3Page - NXP Semiconductors LPC2378 Datasheet HTML 4Page - NXP Semiconductors LPC2378 Datasheet HTML 5Page - NXP Semiconductors LPC2378 Datasheet HTML 6Page - NXP Semiconductors LPC2378 Datasheet HTML 7Page - NXP Semiconductors LPC2378 Datasheet HTML 8Page - NXP Semiconductors LPC2378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
LPC2377_78
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 17 June 2010
3 of 68
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontrollers
On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Boundary scan for simplified board testing.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
Industrial control
Medical systems
Protocol converter
Communications
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2377FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm
SOT486-1
LPC2378FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm
SOT486-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External bus
Ether
net
USB
device
+ 4 kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2377FBD144 512
32 16 8
2
58 MiniBus: 8 data, 16
address, and 2 chip
select lines
RMII
no
-
yes
yes
8
1
−40 °C to
+85
°C
LPC2378FBD144 512
32 16 8
2
58 MiniBus: 8 data, 16
address, and 2 chip
select lines
RMII
yes
2
yes
yes
8
1
−40 °C to
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com