Electronic Components Datasheet Search
  English  ▼

X  

LPC2378 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2378 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC2378 Datasheet HTML 45Page - NXP Semiconductors LPC2378 Datasheet HTML 46Page - NXP Semiconductors LPC2378 Datasheet HTML 47Page - NXP Semiconductors LPC2378 Datasheet HTML 48Page - NXP Semiconductors LPC2378 Datasheet HTML 49Page - NXP Semiconductors LPC2378 Datasheet HTML 50Page - NXP Semiconductors LPC2378 Datasheet HTML 51Page - NXP Semiconductors LPC2378 Datasheet HTML 52Page - NXP Semiconductors LPC2378 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
LPC2377_78
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 17 June 2010
49 of 68
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontrollers
11.4 Flash memory
[1]
Number of program/erase cycles.
[2]
tret specified for < 1ppm.
Table 11.
Dynamic characteristics of flash
Tamb = −40 °C to +85 °C, unless otherwise specified; VDD(3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 10000
-
-
cycles
tret
retention time
powered;
< 100 cycles
[2] 10
--years
unpowered;
< 100 cycles
20
-
-
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com