Electronic Components Datasheet Search
  English  ▼

X  

LPC2378 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2378 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2378 Datasheet HTML 9Page - NXP Semiconductors LPC2378 Datasheet HTML 10Page - NXP Semiconductors LPC2378 Datasheet HTML 11Page - NXP Semiconductors LPC2378 Datasheet HTML 12Page - NXP Semiconductors LPC2378 Datasheet HTML 13Page - NXP Semiconductors LPC2378 Datasheet HTML 14Page - NXP Semiconductors LPC2378 Datasheet HTML 15Page - NXP Semiconductors LPC2378 Datasheet HTML 16Page - NXP Semiconductors LPC2378 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
LPC2377_78
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 17 June 2010
13 of 68
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontrollers
P3[25]/MAT0[0]/
PWM1[2]
39[1]
I/O
P3[25] — General purpose digital input/output pin.
O
MAT0[0] — Match output for Timer 0, channel 0.
O
PWM1[2] — Pulse Width Modulator 1, output 2.
P3[26]/MAT0[1]/
PWM1[3]
38[1]
I/O
P3[26] — General purpose digital input/output pin.
O
MAT0[1] — Match output for Timer 0, channel 1.
O
PWM1[3] — Pulse Width Modulator 1, output 3.
P4[0] to P4[31]
I/O
Port 4: Port 4 is a 32 bit I/O port with individual direction controls for each bit. The
operation of port 4 pins depends upon the pin function selected via the pin connect
block. Pins 16 through 23, 26, and 27 of this port are not available.
P4[0]/A0
52[1]
I/O
P4[0] — ]General purpose digital input/output pin.
I/O
A0 — External memory address line 0.
P4[1]/A1
55[1]
I/O
P4[1] — General purpose digital input/output pin.
I/O
A1 — External memory address line 1.
P4[2]/A2
58[1]
I/O
P4[2] — General purpose digital input/output pin.
I/O
A2 — External memory address line 2.
P4[3]/A3
68[1]
I/O
P4[3] — General purpose digital input/output pin.
I/O
A3 — External memory address line 3.
P4[4]/A4
72[1]
I/O
P4[4] — General purpose digital input/output pin.
I/O
A4 — External memory address line 4.
P4[5]/A5
74[1]
I/O
P4[5] — General purpose digital input/output pin.
I/O
A5 — External memory address line 5.
P4[6]/A6
78[1]
I/O
P4[6] — General purpose digital input/output pin.
I/O
A6 — External memory address line 6.
P4[7]/A7
84[1]
I/O
P4[7] — General purpose digital input/output pin.
I/O
A7 — External memory address line 7.
P4[8]/A8
88[1]
I/O
P4[8] — General purpose digital input/output pin.
I/O
A8 — External memory address line 8.
P4[9]/A9
91[1]
I/O
P4[9] — General purpose digital input/output pin.
I/O
A9 — External memory address line 9.
P4[10]/A10
94[1]
I/O
P4[10] — General purpose digital input/output pin.
I/O
A10 — External memory address line 10.
P4[11]/A11
101[1]
I/O
P4[11] — General purpose digital input/output pin.
I/O
A11 — External memory address line 11.
P4[12]/A12
104[1]
I/O
P4[12] — General purpose digital input/output pin.
I/O
A12 — External memory address line 12.
P4[13]/A13
108[1]
I/O
P4[13] — General purpose digital input/output pin.
I/O
A13 — External memory address line 13.
P4[14]/A14
110[1]
I/O
P4[14] — General purpose digital input/output pin.
I/O
A14 — External memory address line 14.
P4[15]/A15
120[1]
I/O
P4[15] — General purpose digital input/output pin.
I/O
A15 — External memory address line 15.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com