| Electronic Components Datasheet Search |
|
LPC2468 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2468 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 85 page ![]() LPC2468 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6.1 — 6 September 2011 21 of 85 NXP Semiconductors LPC2468 Single-chip 16-bit/32-bit micro P4[15]/A15 173[1] A11[1] I/O P4[15] — General purpose digital input/output pin. I/O A15 — External memory address line 15. P4[16]/A16 101[1] U17[1] I/O P4[16] — General purpose digital input/output pin. I/O A16 — External memory address line 16. P4[17]/A17 104[1] P14[1] I/O P4[17] — General purpose digital input/output pin. I/O A17 — External memory address line 17. P4[18]/A18 105[1] P15[1] I/O P4[18] — General purpose digital input/output pin. I/O A18 — External memory address line 18. P4[19]/A19 111[1] P16[1] I/O P4[19] — General purpose digital input/output pin. I/O A19 — External memory address line 19. P4[20]/A20/ SDA2/SCK1 109[1] R17[1] I/O P4[20] — General purpose digital input/output pin. I/O A20 — External memory address line 20. I/O SDA2 — I2C2 data input/output (this is not an open-drain pin). I/O SCK1 — Serial Clock for SSP1. P4[21]/A21/ SCL2/SSEL1 115[1] M15[1] I/O P4[21] — General purpose digital input/output pin. I/O A21 — External memory address line 21. I/O SCL2 — I2C2 clock input/output (this is not an open-drain pin). I/O SSEL1 — Slave Select for SSP1. P4[22]/A22/ TXD2/MISO1 123[1] K14[1] I/O P4[22] — General purpose digital input/output pin. I/O A22 — External memory address line 22. O TXD2 — Transmitter output for UART2. I/O MISO1 — Master In Slave Out for SSP1. P4[23]/A23/ RXD2/MOSI1 129[1] J15[1] I/O P4[23] — General purpose digital input/output pin. I/O A23 — External memory address line 23. I RXD2 — Receiver input for UART2. I/O MOSI1 — Master Out Slave In for SSP1. P4[24]/OE 183[1] B8[1] I/O P4[24] — General purpose digital input/output pin. O OE — LOW active Output Enable signal. P4[25]/WE 179[1] B9[1] I/O P4[25] — General purpose digital input/output pin. O WE — LOW active Write Enable signal. P4[26]/BLS0 119[1] L15[1] I/O P4[26] — General purpose digital input/output pin. O BLS0 — LOW active Byte Lane select signal 0. P4[27]/BLS1 139[1] G15[1] I/O P4[27] — General purpose digital input/output pin. O BLS1 — LOW active Byte Lane select signal 1. P4[28]/BLS2/ MAT2[0]/TXD3 170[1] C11[1] I/O P4[28] — General purpose digital input/output pin. O BLS2 — LOW active Byte Lane select signal 2. O MAT2[0] — Match output for Timer 2, channel 0. O TXD3 — Transmitter output for UART3. Table 4. Pin description …continued Symbol Pin Ball Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |