Electronic Components Datasheet Search
  English  ▼

X  

LPC2468 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2468
Description  Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2468 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2468 Datasheet HTML 1Page - NXP Semiconductors LPC2468 Datasheet HTML 2Page - NXP Semiconductors LPC2468 Datasheet HTML 3Page - NXP Semiconductors LPC2468 Datasheet HTML 4Page - NXP Semiconductors LPC2468 Datasheet HTML 5Page - NXP Semiconductors LPC2468 Datasheet HTML 6Page - NXP Semiconductors LPC2468 Datasheet HTML 7Page - NXP Semiconductors LPC2468 Datasheet HTML 8Page - NXP Semiconductors LPC2468 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
LPC2468
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6.1 — 6 September 2011
3 of 85
NXP Semiconductors
LPC2468
Single-chip 16-bit/32-bit micro
Two independent power domains allow fine tuning of power consumption based on
needed features.
Each peripheral has its own clock divider for further power saving. These dividers help
reduce active power by 20 % to 30 %.
Brownout detect with separate thresholds for interrupt and forced reset.
On-chip power-on reset.
On-chip crystal oscillator with an operating range of 1 MHz to 25 MHz.
4 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as
the system clock. When used as the CPU clock, does not allow CAN and USB to run.
On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC oscillator,
or the RTC oscillator.
Boundary scan for simplified board testing.
Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
3.
Applications
Industrial control
Medical systems
Protocol converter
Communications
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2468FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC2468FET208 TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15
 15  0.7 mm SOT950-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External
bus
Ethernet
USB
OTG/
OHC/
device
+4kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2468FBD208
512
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
40 C to
+85
C
LPC2468FET208
512
64 16 16 2
98 Full 32-bit
MII/RMII
yes
2
yes
yes
8
1
40 C to
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com