Electronic Components Datasheet Search
  English  ▼

X  

LPC2468 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2468
Description  Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2468 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2468 Datasheet HTML 35Page - NXP Semiconductors LPC2468 Datasheet HTML 36Page - NXP Semiconductors LPC2468 Datasheet HTML 37Page - NXP Semiconductors LPC2468 Datasheet HTML 38Page - NXP Semiconductors LPC2468 Datasheet HTML 39Page - NXP Semiconductors LPC2468 Datasheet HTML 40Page - NXP Semiconductors LPC2468 Datasheet HTML 41Page - NXP Semiconductors LPC2468 Datasheet HTML 42Page - NXP Semiconductors LPC2468 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
LPC2468
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6.1 — 6 September 2011
39 of 85
NXP Semiconductors
LPC2468
Single-chip 16-bit/32-bit micro
• Pulse period and width can be any number of timer counts. This allows complete
flexibility in the trade-off between resolution and repetition rate. All PWM outputs will
occur at the same repetition rate.
• Double edge controlled PWM outputs can be programmed to be either positive going
or negative going pulses.
• Match register updates are synchronized with pulse outputs to prevent generation of
erroneous pulses. Software must ‘release’ new match values before they can become
effective.
• May be used as a standard timer if the PWM mode is not enabled.
• A 32-bit Timer/Counter with a programmable 32-bit Prescaler.
7.23 Watchdog timer
The purpose of the watchdog is to reset the microcontroller within a reasonable amount of
time if it enters an erroneous state. When enabled, the watchdog will generate a system
reset if the user program fails to ‘feed’ (or reload) the watchdog within a predetermined
amount of time.
7.23.1 Features
• Internally resets chip if not periodically reloaded.
• Debug mode.
• Enabled by software but requires a hardware reset or a watchdog reset/interrupt to be
disabled.
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 32-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK)  256  4) to (Tcy(WDCLK)  232  4) in
multiples of Tcy(WDCLK)  4.
• The Watchdog Clock (WDCLK) source can be selected from the RTC clock, the
Internal RC oscillator (IRC), or the APB peripheral clock. This gives a wide range of
potential timing choices of Watchdog operation under different power reduction
conditions. It also provides the ability to run the WDT from an entirely internal source
that is not dependent on an external crystal and its associated components and
wiring, for increased reliability.
7.24 RTC and battery RAM
The RTC is a set of counters for measuring time when system power is on, and optionally
when power is off. It uses little power in Power-down and Deep power-down modes. On
the LPC2468, the RTC can be clocked by a separate 32.768 kHz oscillator or by a
programmable prescale divider based on the APB clock. The RTC is powered by its own
power supply pin, VBAT, which can be connected to a battery or to the same 3.3 V supply
used by the rest of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com