Electronic Components Datasheet Search
  English  ▼

X  

LPC2468 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2468
Description  Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2468 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2468 Datasheet HTML 9Page - NXP Semiconductors LPC2468 Datasheet HTML 10Page - NXP Semiconductors LPC2468 Datasheet HTML 11Page - NXP Semiconductors LPC2468 Datasheet HTML 12Page - NXP Semiconductors LPC2468 Datasheet HTML 13Page - NXP Semiconductors LPC2468 Datasheet HTML 14Page - NXP Semiconductors LPC2468 Datasheet HTML 15Page - NXP Semiconductors LPC2468 Datasheet HTML 16Page - NXP Semiconductors LPC2468 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
LPC2468
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6.1 — 6 September 2011
13 of 85
NXP Semiconductors
LPC2468
Single-chip 16-bit/32-bit micro
P1[13]/
ENET_RX_DV
147[1]
D16[1]
I/O
P1[13] — General purpose digital input/output pin.
I
ENET_RX_DV — Ethernet Receive Data Valid (MII interface).
P1[14]/
ENET_RX_ER
184[1]
A7[1]
I/O
P1[14] — General purpose digital input/output pin.
I
ENET_RX_ER — Ethernet receive error (RMII/MII interface).
P1[15]/
ENET_REF_CLK/
ENET_RX_CLK
182[1]
A8[1]
I/O
P1[15] — General purpose digital input/output pin.
I
ENET_REF_CLK/ENET_RX_CLK — Ethernet Reference Clock (RMII
interface)/Ethernet Receive Clock (MII interface).
P1[16]/
ENET_MDC
180[1]
D10[1]
I/O
P1[16] — General purpose digital input/output pin.
O
ENET_MDC — Ethernet MIIM clock.
P1[17]/
ENET_MDIO
178[1]
A9[1]
I/O
P1[17] — General purpose digital input/output pin.
I/O
ENET_MDIO — Ethernet MI data input and output.
P1[18]/
USB_UP_LED1/
PWM1[1]/
CAP1[0]
66[1]
P7[1]
I/O
P1[18] — General purpose digital input/output pin.
O
USB_UP_LED1 — USB port 1 GoodLink LED indicator. It is LOW when
device is configured (non-control endpoints enabled), or when host is
enabled and has detected a device on the bus. It is HIGH when the
device is not configured, or when host is enabled and has not detected a
device on the bus, or during global suspend. It transitions between LOW
and HIGH (flashes) when host is enabled and detects activity on the bus.
O
PWM1[1] — Pulse Width Modulator 1, channel 1 output.
I
CAP1[0] — Capture input for Timer 1, channel 0.
P1[19]/
USB_TX_E1/
USB_PPWR1/
CAP1[1]
68[1]
U6[1]
I/O
P1[19] — General purpose digital input/output pin.
O
USB_TX_E1 — Transmit Enable signal for USB port 1 (OTG
transceiver).
O
USB_PPWR1 — Port Power enable signal for USB port 1.
I
CAP1[1] — Capture input for Timer 1, channel 1.
P1[20]/
USB_TX_DP1/
PWM1[2]/SCK0
70[1]
U7[1]
I/O
P1[20] — General purpose digital input/output pin.
O
USB_TX_DP1 — D+ transmit data for USB port 1 (OTG transceiver).
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I/O
SCK0 — Serial clock for SSP0.
P1[21]/
USB_TX_DM1/
PWM1[3]/SSEL0
72[1]
R8[1]
I/O
P1[21] — General purpose digital input/output pin.
O
USB_TX_DM1 — D
 transmit data for USB port 1 (OTG transceiver).
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I/O
SSEL0 — Slave Select for SSP0.
P1[22]/
USB_RCV1/
USB_PWRD1/
MAT1[0]
74[1]
U8[1]
I/O
P1[22] — General purpose digital input/output pin.
I
USB_RCV1 — Differential receive data for USB port 1 (OTG
transceiver).
I
USB_PWRD1 — Power Status for USB port 1 (host power switch).
O
MAT1[0] — Match output for Timer 1, channel 0.
P1[23]/
USB_RX_DP1/
PWM1[4]/MISO0
76[1]
P9[1]
I/O
P1[23] — General purpose digital input/output pin.
I
USB_RX_DP1 — D+ receive data for USB port 1 (OTG transceiver).
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I/O
MISO0 — Master In Slave Out for SSP0.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com