Electronic Components Datasheet Search
  English  ▼

X  

LS027B7DH01 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 10Page - Sharp Corporation LS027B7DH01 Datasheet HTML 11Page - Sharp Corporation LS027B7DH01 Datasheet HTML 12Page - Sharp Corporation LS027B7DH01 Datasheet HTML 13Page - Sharp Corporation LS027B7DH01 Datasheet HTML 14Page - Sharp Corporation LS027B7DH01 Datasheet HTML 15Page - Sharp Corporation LS027B7DH01 Datasheet HTML 16Page - Sharp Corporation LS027B7DH01 Datasheet HTML 17Page - Sharp Corporation LS027B7DH01 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
11
6-2) Power Supply Sequence
※
Refer to timing chart and AC timing characteristics for detail
※
1 ③ and ④ may be opposite (however, TCOM polarity inversion will not occur even with EXTCOMIN between
DISP=”L”. Also, when DISP and EXTCOMIN are simultaneously started up, allow 30us or more before SCS
starts up (It may be less than 60us).
※
2 Setting value for pixel memory initialization
SCS=Driving accordingly to clear pixel internal memory method (use all clear flag or write all screen white)
S1=M2 (all clear flag) = “H” or write white
SCLK: Normal Driving
【
Remark】 Cautions when powering on
Remark 1) VDD and VDDA should rise simultaneously or VDD should rise first.
Remark 2) VDD and VDDA shouldl simultaneously or VDD should fall first
①②
③※
1 ④※1
⑤⑥⑦
VDD/VDDA(5V)
GND
GND
DISP
GND
GND
EXTCOMIN
GND
GND
SCS
GND
※
2
※
2
GND
Others
GND
※
2
※
2
GND
Normal operation
Normal operation
Normal operation
T1
Off sequence
Normal operation
T2
T3
T4
T5
T6
T7
On Sequence
[ON Sequence]
(1) 5V rise time (depends on IC)
(2) Pixel memory initialization T2: 1V or more Initialize with M2 (all clear flag) or write all screen white
(3) Release time for initialization of TCOM latch
T3: 30us or more
Time required to release COM related latch circuit initialization which is initializing using DISP signals
(4) TCOM polarity initialization time
T4: 30us or more
Time required initializing TCOM polarity accordingly to EXTCOMIN input
[Normal Operation]
Duration of normal driving
[Off Sequence]
(5) Pixel memory initialization time
T5: 1V or more
(6) VA, VB, VCOM initialization time
T6: 1V or more
(7) 5V falling time (Depends on IC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com