Electronic Components Datasheet Search
  English  ▼

X  

LS027B7DH01 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 2Page - Sharp Corporation LS027B7DH01 Datasheet HTML 3Page - Sharp Corporation LS027B7DH01 Datasheet HTML 4Page - Sharp Corporation LS027B7DH01 Datasheet HTML 5Page - Sharp Corporation LS027B7DH01 Datasheet HTML 6Page - Sharp Corporation LS027B7DH01 Datasheet HTML 7Page - Sharp Corporation LS027B7DH01 Datasheet HTML 8Page - Sharp Corporation LS027B7DH01 Datasheet HTML 9Page - Sharp Corporation LS027B7DH01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
3
Equipment and containers
Process equipment such as conveyer, soldering iron, working bench and containers may possibly generate
electrostatic charge up and discharge. Equipment must be grounded through 100Mohms resistance. Use
ion blower.
Floor
Floor plays an important role in leaking static electricity generated in human body or equipment. If the floor
is made of insulated material (such as polymer or rubber material), such static electricity may charge.
Proper measure should be taken to avoid static electricity charge (electrostatic earth: 100Mohms).There is
a possibility that the static electricity is charged to them without leakage in case of insulating floor, so the
electrostatic earth:1×10
8Ω should be made.
Humidity
Humidity in work area relates to surface resistance of the persons or objects that generate
electrostatics, and it can be manipulated to prevent electrostatic charge. Humidity of 40% or
lower increases electrostatic earth resistance and promotes electrostatic charging. Therefore,
the humidity in the work area should be kept above 40%. Specifically for film peeling process
or processes that require human hands, humidity should be kept above 50% and use electricity
removal blower.
Transportation/Storage
Containers and styroform used in transporation and storage may charge electrostatic (from friction and
peeling) or electrostatic charge from human body, etc. may cause containers and styroform to have induced
charge. Proper electrostatic measure should be taken for containers and storage material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com