Electronic Components Datasheet Search
  English  ▼

X  

LS027B7DH01 Datasheet(PDF) 26 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 26 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 22Page - Sharp Corporation LS027B7DH01 Datasheet HTML 23Page - Sharp Corporation LS027B7DH01 Datasheet HTML 24Page - Sharp Corporation LS027B7DH01 Datasheet HTML 25Page - Sharp Corporation LS027B7DH01 Datasheet HTML 26Page - Sharp Corporation LS027B7DH01 Datasheet HTML 27Page - Sharp Corporation LS027B7DH01 Datasheet HTML 28Page - Sharp Corporation LS027B7DH01 Datasheet HTML 29Page - Sharp Corporation LS027B7DH01 Datasheet HTML 30Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
23
8.Outline Dimension
Figure 8-1
2.7” WQVGA Monochrome Outline Dimension
<
Recommended Connector>
SMK FP12 Series: CFP-4610-0150F(Bottom side contact)
Molex: 51441-1093(Bottom side contact)
8-2) FPC Bend Specification
When bending FPC, bend where specified in Condition (1) and the bend R should be more than R specified in Condition
(2). FPC is not to contact glass edge, and there should be no stress to connective area between panel and FPC.
Condition (1) FPC bend recommended area: 0.8mm – 6.0mm from glass edge.
Condition (2) Minimum bend R: Inner diameter R0.45
Figure 8-2
【
Remark 8-1】 Do not bend backward (toward polarizer film side)
【
Remark 8-2】 Bend frequency: 3 times or less (Repeat bend condition: 180°~ 0°)
<Recommended Connector>
SMK FP12 series : CFP-4510-0150F (Top side contact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com