Electronic Components Datasheet Search
  English  ▼

X  

PC917X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC917X
Description  High Speed, High CMR OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC917X Datasheet(HTML) 1 Page - Sharp Corporation

  PC917X Datasheet HTML 1Page - Sharp Corporation PC917X Datasheet HTML 2Page - Sharp Corporation PC917X Datasheet HTML 3Page - Sharp Corporation PC917X Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC917X/PC918X
s Features
1. High speed response
2. High instantaneous common mode rejec-
tion voltage
H
3. Standard dual-in-line package
s Applications
trollers
2. High speed line receivers high speed logic
4. Signal transmission between circuits of
different potentials and impedances
L
s Absoulte Maximum Ratings
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
25
mA
Reverse voltage
V R
5V
Power dissipation
P
45
Output
Supply voltage
V CC
- 0.5 to + 15
V
Output voltage
V O
- 0.5 to + 15
V
*1Emitter-base voltage
V EBO
5V
Output current
IO
8mA
Power dissipation
P O
100
mW
*2 Isolation voltage
Operating temperature
- 55 to + 100
˚C
Storage temperature
- 55 to + 125
˚C
*3Soldering temperature
260
˚C
*3 For 10 seconds
*1 Voltage between pin 5 and pin 7( applies to PC918X)
s Outline Dimensions
(Unit : mm )
PC917X/PC918X
mW
θ
Internal connection
diagram
12
3
4
5
6
7
8
1234
5
6
7
8
1 NC
2 Anode
3 Cathode
4 NC
5 GND
PC917
The marking of
PC917 is PC917
V iso
T opr
T stg
T sol
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC917X/ PC918X
High Speed, High CMR
OPIC Photocoupler
PHL,
tPLH : TYP. 0.3
µ s at R
( t
= 1.9k
Ω )
( CM : TYP. 1kV/
µ s)
4. Recognized by UL, file No. E64380
1. Computers, measuring instruments, con-
3. Switing regulators
PC918
Primary side mark
(Sunken place)
*2 40 to 60% RH, AC for 1 minute
2 500
*
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
has no base terminal. ( 7 : NC)
V rms
6 V O
7 V B
8 VCC
θ : 0 to 13 ˚
0.8 ± 0.2
2.54± 0.25
1.2 ± 0.3
0.85 ± 0.3
9.22 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
0.5 ± 0.1


Similar Part No. - PC917X

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
compatible with hirose u.fl
logo
List of Unclassifed Man...
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
Thestripe 915Mhz PCB Antenna
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC917X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
Ultra-high Speed Response and High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
High Speed and High CMR ∗OPIC Photocoupler
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com