Electronic Components Datasheet Search
  English  ▼

X  

PC917X Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC917X
Description  High Speed, High CMR OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC917X Datasheet(HTML) 4 Page - Sharp Corporation

  PC917X Datasheet HTML 1Page - Sharp Corporation PC917X Datasheet HTML 2Page - Sharp Corporation PC917X Datasheet HTML 3Page - Sharp Corporation PC917X Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Frequency f ( MHz )
0
0.1
0.2
0.5
1
2
5
10
220
Ω
470
Ω
1k
Ω
0
200
400
600
800
- 60
- 20
20
60
100
80
40
0
-40
Ambient Temperature
Ambient temperature T a (˚C)
t PHL
t PLH
Fig. 7 Propagation Delay Time vs.
- 60 - 40
- 20
0
20
100
80
60
40
VCC =VO =5V
Ambient Temperature
Ambient temperature T a (˚C)
Fig. 8 High Level Output Current vs.
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
15V
VO
5V
AC
Input
20k
Ω
RL
1.6V DC
0.25VP - PAC
( 2) Transistor of detector side in bipolar configuration is apt to be affected by static electricity
for its minute design. When handling them, general counterplan against static electricity
should be taken to avoid breakdown of devices or degradation of characteristics.
s Precautions for Use
IF = 16mA
VCC =5V
RL = 1.9k Ω
IF = 16mA
T a = 25˚C
RL = 100 Ω
Test Circuit for Frequency Response
(PC918X)
5
8
7
6
1
2
3
4
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
CC
and
GND near the device in order to stabilize power supply line.
PC917X/PC918X
-30
-25
-20
-15
-10
-5
( 3) As for other general cautions, refer to the chapter “ Precautions for Use ”.
Fig. 9 Frequency Response



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com