Electronic Components Datasheet Search
  English  ▼

X  

PC917X Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC917X
Description  High Speed, High CMR OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC917X Datasheet(HTML) 3 Page - Sharp Corporation

  PC917X Datasheet HTML 1Page - Sharp Corporation PC917X Datasheet HTML 2Page - Sharp Corporation PC917X Datasheet HTML 3Page - Sharp Corporation PC917X Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
120
P
0
25
50
75
100
125
100
80
60
20
40
45
80
60
70
90
100
110
0
20
40
60
80
100
Ambient Temperature
5
10
30
25
20
15
0
125
100
75
50
25
0
-55
Ambient temperature T a (˚C)
50˚C
25˚C
70˚C
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
T a= 0˚C
Forward voltage V F (V)
Fig. 3 Forward Current vs. Forward Voltage
0
0
2
2
Dotted line shows
4
6
8
10
12
14
16
18
20
4
6
8
10
12
14
pulse characteristics
IF = 25mA
20mA
15mA
10mA
5mA
20
16
18
Output voltage V O (V)
Fig. 4 Output Current vs. Output Voltage
0
0.1
CTR = 100% at
50
100
150
1
10
100
Forward Current
Forward current I F ( mA )
Fig. 5 Relative Current Transfer Ratio vs.
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Power Dissipation vs. Ambient
Temperature
Ambient temperature T a (˚C)
P O
VCC =5V
T a= 25˚C
Ambient temperature T a (˚C)
VCC =5V
VO = 0.4V
T a = 25˚C
IF = 16mA
IF = 16mA
V O = 0.4V
V CC =5V
CTR = 100% at T a = 25˚C
Fig. 6 Relative Current Transfer Ratio vs.
PC917X/PC918X
-40
-60
- 40
-20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com