Electronic Components Datasheet Search
  English  ▼

X  

PC917X Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC917X
Description  High Speed, High CMR OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC917X Datasheet(HTML) 2 Page - Sharp Corporation

  PC917X Datasheet HTML 1Page - Sharp Corporation PC917X Datasheet HTML 2Page - Sharp Corporation PC917X Datasheet HTML 3Page - Sharp Corporation PC917X Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC917X/PC918X
s Electro-optical Characteristics
8
1
2
3
45
6
7
Pulse input
10
µ s
Duty
ratio1/10
Pulse width
Pulse oscillator
IF = 16mA
IF monitor
100
1.9k
5V
CL = 15pF
IF
0
1.5V
1.5V
5V
tPHL
tPLH
0.01
µ F
VO
VOL
VO
8
1
2
3
45
6
7
1.9k
5V
IF =
16
mA
IF
GL SW
B
VFF
A
VCM
tf
10V
VCM
0V
CMH
CML
10 %
tr
90 %
10 %
90 %
IF = 16mA
IF = 0mA
0.8V
2V
5V
When the switch for
infrared light emitting
When the switch for
infrared light emitting
VO
+-
0.01
µ F
VO
VO
VO
(Unless otherwise specified, Ta = 0 to + 70˚C )
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
V F
Ta = 25˚C, I F = 16mA
-
1.7
1.95
V
IR
Ta = 25˚C, V R =5V
-
-
10
µ A
Ct
Ta = 25˚C, VF = 0, f = 1MHZ
-
60
250
Output
High level output current
( 1)
IOH(1)
Ta = 25˚C, I F = 0, V CC =VO = 5.5V
-
3
500
nA
High level output current
( 2)
IOH(2)
Ta = 25˚C, I F = 0, VCC =VO = 15V
--
1
µ A
High level output current
( 3)
IOH(3)
IF = 0, VCC =V O = 15V
-
-
50
µ A
Low level output voltage
V OL
IF = 16mA, I O = 2.4mA,
V CC = 4.5V
-
-
0.4
V
Low level supply current
ICCL
IF = 16mA, V O = open, V CC = 15V
-
200
-
µ A
High level supply current
( 1)
ICCH(1)
Ta = 25˚C, I F = 0, VO = open
V CC = 15V
-
0.02
1
µ A
High level supply current
( 2)
ICCH(2)
IF = 0, V O = open, VCC = 15V
-
-
2
µ A
Transfer
charac-
teristics
Current transfer ratio
CTR
Ta = 25˚C, I F = 16mA,
V O = 0.4V, VCC = 4.5V
19
-
-
%
Isolation resistance
RISO
Ta = 25˚C, DC500V,
5x 1010
1011
-
Floating capacitance
Cf
Ta = 25˚C, V = 0, f = 1MHZ
-
0.6
1
*4 “ High
→Low” propagation delay time
t PHL
Ta = 25˚C, R L = 1.9k
IF = 16mA, V CC =5V
-
0.3
0.8
µ s
*4 “ Low
→High” propagation delay time
t PLH
Ta = 25˚C, R L = 1.9k
IF = 16mA, V CC =5V
-
0.3
1.2
µ s
CMH
Ta = 25˚C, I F = 0, R L = 1.9k
--
V/
µ s
CML
Ta = 25˚C, I F = 16mA, R L
--
V/
µ s
VCM = 10Vp-p, VCC =5V
VCM = 10Vp-p, V CC =5V
Parameter
Input
Forward voltage
Reverse current
Terminal capacitance
diode sets to A.
diode sets to B.
*5Instantaneous common mode rejection
*5Instantaneous common mode rejection
= 1.9k
voltage “ Output : High level ”
voltage “ Output : Low level ”
*5 Test Circuit for Instantaneous Common Mode Rejection Voltage
(PC918X )
*4 Test Circuit for Propagation Delay Time (PC918X )
40 to 60% RH
pF
pF
1 000
- 1 000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com