Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS80C390 Datasheet HTML 9Page - Dallas Semiconductor DS80C390 Datasheet HTML 10Page - Dallas Semiconductor DS80C390 Datasheet HTML 11Page - Dallas Semiconductor DS80C390 Datasheet HTML 12Page - Dallas Semiconductor DS80C390 Datasheet HTML 13Page - Dallas Semiconductor DS80C390 Datasheet HTML 14Page - Dallas Semiconductor DS80C390 Datasheet HTML 15Page - Dallas Semiconductor DS80C390 Datasheet HTML 16Page - Dallas Semiconductor DS80C390 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DS80C390 Dual CAN High-Speed Microprocessor
13 of 53
ELECTRICAL CHARACTERISTICS—(NONMULTIPLEXED ADDRESS/DATA BUS)
(Note 13)
40MHz
VARIABLE CLOCK
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
External oscillator
0
40
0
40
Oscillator Frequency
1 / tCLCL
External crystal
1
40
1
40
MHz
PSEN Pulse Width
tPLPH
0.5 tMCS - 8
ns
PSEN Low to Valid Instruction In
tPLIV
0.5 tMCS - 20
ns
Input Instruction Hold After
PSEN
tPXIX
0
0
ns
Input Instruction Float After
PSEN
tPXIZ
See MOVX
Characteristics
ns
Port 1 Address, Port 4 CE to Valid
Instruction In
tAVIV1
0.75 tMCS - 22
ns
Port 2, 4 Address to Valid Instruction
In
tAVIV2
0.875 tMCS - 30
ns
Note 13:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. The value tMCS is a function of
the machine cycle clock in terms of the processor’s input clock frequency. These relationships are described in the Stretch Value
Timing
table. All signals characterized with load capacitance of 80pF except Port 0, ALE,
PSEN, RD, and WR with 100pF. Interfacing
to memory devices with float times (turn off times) over 25ns can cause bus contention. This does not damage the parts, but causes
an increase in operating current. Specifications assume a 50% duty cycle for the oscillator. Port 2 and ALE timing changes in relation
to duty cycle variation. Some AC timing characteristic drawings contain references to the CLK signal. This waveform is provided to
assist in determining the relative occurrence of events and cannot be used to determine the timing of signals relative to the external
clock.
Figure 13. Nonmultiplexed External Program Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com