Electronic Components Datasheet Search
  English  ▼

X  

DS80C390 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS80C390 Datasheet HTML 1Page - Dallas Semiconductor DS80C390 Datasheet HTML 2Page - Dallas Semiconductor DS80C390 Datasheet HTML 3Page - Dallas Semiconductor DS80C390 Datasheet HTML 4Page - Dallas Semiconductor DS80C390 Datasheet HTML 5Page - Dallas Semiconductor DS80C390 Datasheet HTML 6Page - Dallas Semiconductor DS80C390 Datasheet HTML 7Page - Dallas Semiconductor DS80C390 Datasheet HTML 8Page - Dallas Semiconductor DS80C390 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
DS80C390 Dual CAN High-Speed Microprocessor
2 of 53
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………….-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground……………………………………………………………………-0.3V to +6.0V
Operating Temperature Range………………………………………………………………………………..-40°C to +85°C
Storage Temperature Range………………………………………………………………………………...-55°C to +125°C
Soldering Temperature…..……………………………………………………………………..See IPC/JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS (Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
VRST
5.0
5.5
V
Power-Fail Warning
VPFW
4.10
4.38
4.60
V
Minimum Operating Voltage
VRST
3.85
4.13
4.35
V
Supply Current, Active Mode (Note 1)
ICC
80
150
mA
Supply Current, Idle Mode (Note 2)
IIDLE
40
75
mA
Supply Current, Stop Mode (Note 3)
ISTOP
1
120
μA
Supply Current, Stop Mode, Bandgap Enabled (Note 3)
ISPBG
150
350
μA
Input Low Level
VIL
-0.5
+0.8
V
Input High Level
VIH
2.0
VCC +0.5
V
Input High Level for XTAL1, RST
VIH2
0.7 x VCC
VCC +0.5
V
Output Low Voltage for Port 1, 3, 4, 5 at IOL = 1.6mA
VOL1
0.45
V
Output Low Voltage for Port 0, 1, 2, 4, 5,
RD, WR, RSTOL, PSEN,
and ALE at IOL = 3.2mA (Note 5)
VOL2
0.45
V
Output High Voltage for Port 1, 3, 4, 5 at IOH = -50μA (Note 4)
VOH1
2.4
V
Output High Voltage for Port 1, 3, 4, 5 at IOH = -1.5mA (Note 6)
VOH2
2.4
V
Output High Voltage for Port 0, 1, 2, 4, 5,
RD, WR, RSTOL, PSEN,
and ALE at IOH = -8mA (Note 5, 7)
VOH3
2.4
V
Input Low Current for Port 1, 3, 4, 5 at 0.45V (Note 8)
IIL
-55
μA
Logic 1 to 0 Transition Current for Port 1, 3, 4, 5 (Note 9)
IT1
-650
μA
Input Leakage Current for Port 0 (Input Mode Only)
IL
-300
+300
μA
RST Pulldown Resistance
RRST
50
170
k
Ω
Note 1:
Active current measured with 40MHz clock source on XTAL1, VCC = RST = 5.5V, all other pins disconnected.
Note 2:
Idle mode current measured with 40MHz clock source on XTAL1, VCC= 5.5V, RST = EA = VSS, all other pins disconnected.
Note 3:
Stop mode current measured with XTAL1 = RST =
EA = VSS, VCC = 5.5V, all other pins disconnected.
Note 4:
RST = VCC. This condition mimics operation of pins in I/O mode.
Note 5:
Applies to port pins when they are used to address external memory or as CAN interface signals.
Note 6:
This measurement reflects the port during a 0-to-1 transition in I/O mode. During this period a one-shot circuit drives the ports hard
for two clock cycles. If a port 4 or 5 pin is functioning in memory mode with pin state of 0 and the SFR bit contains a 1, changing
the pin to an I/O mode (by writing to P4CNT) will not enable the 2-cycle strong pullup. During Stop or Idle mode the pins switch to
I/O mode, and so port 2 and port 1 (in nonmultiplexed mode) will not exhibit the 2-cycle strong pullup when entering Stop or Idle
mode.
Note 7:
Port 3 pins 3.6 and 3.7 have a stronger than normal pullup drive for one oscillator period following the transition of either the
RD or
WR from a 0-to-1 transition.
Note 8:
This is the current required from an external circuit to hold a logic low level on an I/O pin while the corresponding port latch bit is
set to 1. This is only the current required to hold the low level; transitions from 1 to 0 on an I/O pin also have to overcome the
transition current.
Note 9:
Ports 1(in I/O mode), 3, 4, and 5 source transition current when being pulled down externally. It reaches its maximum at
approximately 2V.
Note 10:
Specifications to -40
°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com