Electronic Components Datasheet Search
  English  ▼

X  

DS1985 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1985
Description  16Kb Add-Only iButton
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1985 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1985 Datasheet HTML 1Page - Maxim Integrated Products DS1985 Datasheet HTML 2Page - Maxim Integrated Products DS1985 Datasheet HTML 3Page - Maxim Integrated Products DS1985 Datasheet HTML 4Page - Maxim Integrated Products DS1985 Datasheet HTML 5Page - Maxim Integrated Products DS1985 Datasheet HTML 6Page - Maxim Integrated Products DS1985 Datasheet HTML 7Page - Maxim Integrated Products DS1985 Datasheet HTML 8Page - Maxim Integrated Products DS1985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1 of 26
SPECIAL FEATURES
16384 bits Electrically Programmable Read Only
Memory (EPROM) communicates with the
economy of one signal plus ground
EPROM partitioned into 64 256-bit pages for
randomly accessing packetized data records
Each memory page can be permanently write
protected to prevent tampering
Device is an “add only” memory where additional
data can be programmed into EPROM without
disturbing existing data
Architecture allows software to patch data by
superseding an old page in favor of a newly
programmed page
Reduces control, address, data, power, and
programming signals to a single data pin
8-bit family code specifies DS1985
communications requirements to reader
Reads over a wide voltage range of 2.8V to 6.0V
from -40°C to +85°C; programs at 11.5V to 12.0V
from -40°C to +85°C
F3 MicroCan
F5 MicroCan
COMMON iButton FEATURES
 Unique, factory-lasered and tested 64-bit
registration number (8-bit family code +
48-bit serial number + 8-bit CRC tester)
assures absolute traceability because no two
parts are alike
 Multidrop controller for MicroLAN
 Digital identification and information by
momentary contact
 Chip-based data carrier compactly stores
information
 Data can be accessed while affixed to object
 Economically communicates to bus master
with a single digital signal at 16.3kbps
 Standard 16mm diameter and 1-Wire®
protocol ensure compatibility with iButton®
family
 Button shape is self-aligning with cup-shaped
probes
 Durable stainless steel case engraved with
registration number withstands harsh
environments
 Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
 Presence detector acknowledges when reader
first applies voltage
ORDERING INFORMATION
PART
PIN-PACKAGE
DS1985-F3+
F3 MicroCan
DS1985-F5+
F5 MicroCan
+Denotes a lead(Pb)-free/RoHS-compliant package
.
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
19-4892; Rev 8/09
DS1985
16Kb Add-Only iButton


Similar Part No. - DS1985

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1985-F3 DALLAS-DS1985-F3 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1985-F5 DALLAS-DS1985-F5 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
More results

Similar Description - DS1985

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS2502-UN DALLAS-DS2502-UN Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
64-kbits Add-Only iButton?
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS1982 MAXIM-DS1982 Datasheet
695Kb / 24P
1Kb Add-Only iButton
Rev 8/09
DS1995 MAXIM-DS1995 Datasheet
45Kb / 2P
16Kb Memory iButton
Rev 8/09
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com