Electronic Components Datasheet Search
  English  ▼

X  

DS1985 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # DS1985
Description  16Kb Add-Only iButton
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1985 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button DS1985 Datasheet HTML 18Page - Maxim Integrated Products DS1985 Datasheet HTML 19Page - Maxim Integrated Products DS1985 Datasheet HTML 20Page - Maxim Integrated Products DS1985 Datasheet HTML 21Page - Maxim Integrated Products DS1985 Datasheet HTML 22Page - Maxim Integrated Products DS1985 Datasheet HTML 23Page - Maxim Integrated Products DS1985 Datasheet HTML 24Page - Maxim Integrated Products DS1985 Datasheet HTML 25Page - Maxim Integrated Products DS1985 Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
DS1985
24 of 26
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +12.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
 This is a stress rating only and functional operation of the device at these or any other conditions
outside those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP =2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
V
1,6
Logic 0
VIL
-0.3
+0.8
V
1,10
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1,2
Input Load Current
IL
5
A
3
Operating Charge
QOP
30
nC
7,8
Programming Voltage @ 10 mA
VPP
11.5
12.0
V
CAPACITANCE
(TA = 25C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data (1-Wire)
CIN/OUT
800
pF
9
AC ELECTRICAL CHARACTERISTICS
(VPUP =2.8V to 6.0V; -40C to +85C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
s
Write-1 Low Time
tLOW1
1
15
s
Write-0 Low Time
tLOW0
60
120
s
Read Data Valid
tRDV
exactly 15
s
Release Time
tRELEASE
0
15
45
s
Read Data Setup
tSU
1
s
5
Recovery Time
tREC
1
s
Reset Time High
tRSTH
480
s
4
Reset Time Low
tRSTL
480
s
Presence Detect High
tPDHIGH
15
60
s
Presence Detect Low
tPDLOW
60
240
s
Delay to Program
tDP
5
s
Delay to Verify
tDV
5
s
Program Pulse Width
tPP
480
s
Program Voltage Rise Time
tRP
0.5
5.0
s
Program Voltage Fall Time
tFP
0.5
5.0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com