Electronic Components Datasheet Search
  English  ▼

X  

DS1985 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1985
Description  16Kb Add-Only iButton
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1985 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1985 Datasheet HTML 1Page - Maxim Integrated Products DS1985 Datasheet HTML 2Page - Maxim Integrated Products DS1985 Datasheet HTML 3Page - Maxim Integrated Products DS1985 Datasheet HTML 4Page - Maxim Integrated Products DS1985 Datasheet HTML 5Page - Maxim Integrated Products DS1985 Datasheet HTML 6Page - Maxim Integrated Products DS1985 Datasheet HTML 7Page - Maxim Integrated Products DS1985 Datasheet HTML 8Page - Maxim Integrated Products DS1985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DS1985
3 of 26
DS1985 BLOCK DIAGRAM Figure 1
64-BIT LASERED ROM
Each DS1985 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits. (See Figure 3.)
The 64-bit ROM and ROM Function Control section allow the DS1985 to operate as a 1-Wire device and
follow the 1-Wire protocol detailed in the section “1-Wire Bus System.” The memory functions required
to read and program the EPROM sections of the DS1985 are not accessible until the ROM function
protocol has been satisfied. This protocol is described in the ROM functions flow chart (Figure 8). The 1-
Wire bus master must first provide one of four ROM function commands: 1) Read ROM, 2) Match ROM,
3) Search ROM, or 4) Skip ROM. After a ROM function sequence has been successfully executed, the
bus master may then provide any one of the memory function commands specific to the DS1985 (Figure
5).
The 1-Wire CRC of the lasered ROM is generated using the polynomial X8 + X5 + X4 + 1. Additional
information about the Dallas Semiconductor 1-Wire Cyclic Redundancy Check is available in the Book
of DS19xx iButton Standards. The shift register acting as the CRC accumulator is initialized to 0. Then
starting with the least significant bit of the family code, 1 bit at a time is shifted in. After the 8th bit of the
family code has been entered, then the serial number is entered. After the 48th bit of the serial number has
been entered, the shift register contains the CRC value. Shifting in the 8 bits of CRC should return the
shift register to all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com