Electronic Components Datasheet Search
  English  ▼

X  

DS1985 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1985
Description  16Kb Add-Only iButton
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1985 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1985 Datasheet HTML 12Page - Maxim Integrated Products DS1985 Datasheet HTML 13Page - Maxim Integrated Products DS1985 Datasheet HTML 14Page - Maxim Integrated Products DS1985 Datasheet HTML 15Page - Maxim Integrated Products DS1985 Datasheet HTML 16Page - Maxim Integrated Products DS1985 Datasheet HTML 17Page - Maxim Integrated Products DS1985 Datasheet HTML 18Page - Maxim Integrated Products DS1985 Datasheet HTML 19Page - Maxim Integrated Products DS1985 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DS1985
16 of 26
The bus master requires a pullup resistor at the master end of the bus, with the bus master circuit
equivalent to the one shown in Figures 7a and 7b. The value of the pullup resistor should be
approximately 5 k
 for short line lengths.
A multidrop bus consists of a 1-Wire bus with multiple slaves attached. The 1-Wire bus has a maximum
data rate of 16.3kbps. If the bus master is also required to perform programming of the EPROM portions
of the DS1985, a programming supply capable of delivering up to 10 milliamps at 12 volts for 480
s is
required. The idle state for the 1-Wire bus is high. If, for any reason, a transaction needs to be suspended,
the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is
left low for more than 120
s, one or more of the devices on the bus may be reset.
Transaction Sequence
The sequence for accessing the DS1985 via the 1-Wire port is as follows:
Initialization
 ROM Function Command
 Memory Function Command
 Read/Write Memory/Status
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a Reset Pulse transmitted by the bus master followed by a Presence Pulse(s) transmitted by the
slave(s).
The Presence Pulse lets the bus master know that the DS1985 is on the bus and is ready to operate. For
more details, see the “1-Wire Signaling” section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands. All
ROM function commands are 8 bits long. A list of these commands follows (refer to flowchart in Figure
8):
Read ROM [33H]
This command allows the bus master to read the DS1985’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command can be used only if there is a single DS1985 on the bus. If more
than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same
time (open drain will produce a wired-AND result).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com