Electronic Components Datasheet Search
  English  ▼

X  

PQ30RV2 Datasheet(PDF) 8 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 8 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
s Outline Dimensions (PQ30RV1B/PQ30RV2B)
(Unit : mm)
Output Voltage vs. Control Voltage (PQ30RV1)
PQ30RV1B
Output voltage
precision:±2.5%
s Model Line-ups for Lead Forming Type
5V output
Output voltage
PQ30RV2B
2A output
0
1
2
345
5
10
15
Control voltage VC (V)
VIN=17V
RL=52
Ω
R1=10k
Ω
R2=115k
Ω
R3=0
D1=1S2076A
PQ30RV1
2
3
1
4
1 DC input (VIN)
2 DC output (VO)
3 GND
4 Output voltage
minute
adjustment
terminal (VADJ)
Specific IC
Internal connection diagram
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(3.2)
q
1
q
2
q
3
q
4
5±0.5
8.2±0.7
(0.5)
(1.5)
· (
) : Typical value
· Radius of lead forming portion:R=0.5 to 1.5mm
Note) The value of absolute maximum ratings and electrical characteristics is same as ones of PQ30RV1/2 series.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com