Electronic Components Datasheet Search
  English  ▼

X  

PQ30RV2 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 6 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Fig.21 Output Peak Current vs. Junction
Temperature (PQ30RV2/PQ30RV21)
s Standard Connection
D1
: This device is necessary to protect the element from damage when reverse voltage may be applied to the regulator in case of
input short-circuiting.
Cref
: This device is necessary when it is required to enhance the ripple rejection or to delay the output start-up time(*1).
(*1)Otherwise, it is not necessary.
(Care must be taken since Cref may raise the gain, facilitating oscillation.)
(*1)The output start-up time is proportional to Cre fX R2.
CIN, CO : Be sure to mount the devices CIN and CO as close to the device terminal as possible so as to prevent oscillation.
The standard specification of CIN and CO is 0.33
µF and 47µF, respectively. However, ajust them as necessary after checking.
R1, R2 : These devices are necessary to set the output voltage. The output voltage VO is given by the following formula:
VO=Vref X (1+R2/R1)
(Vref is 1.25V TYP)
The standard value of R1 is 390
Ω.But value up 10kΩdoes not cause any trouble.
-20
0
25
50
75
100
125
2
3
4
5
VIN-VO=5V
2V
0.5V
R1=390
Ω,R2=2.7kΩ
IOP:Output current when output voltage
is 95% in comparison with the initial value
Junction temperature Tj (˚C)
q
2
q
3
q
1
q
4
Cref
390
Ω
to10k
Ω
R1
R2
CO
+
VO
D1
CIN
VIN
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com